Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1702Z Datasheet (PDF) - List of Unclassifed Manufacturers

SSD1702Z Datasheet PDF - List of Unclassifed Manufacturers
Part # SSD1702Z
Download  SSD1702Z Download
File Size   586.43 Kbytes
Page   47 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 240-outputs LCD driver

SSD1702Z Datasheet (PDF)

Go To PDF Page Download Datasheet
SSD1702Z Datasheet PDF - List of Unclassifed Manufacturers

Part # SSD1702Z
Download  SSD1702Z Click to download

File Size   586.43 Kbytes
Page   47 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 240-outputs LCD driver

SSD1702Z Datasheet (HTML) - List of Unclassifed Manufacturers


SSD1702Z Product details

[Solomon Systech]



1. General Description

SSD1702 is a 240-outputs LCD driver capable of both COMMON or SEGMENT driving, selected by hardware pin setting. It is designed for high resolution dot matrix type LCD panel for the use on PDA or terminal.

SSD1702 can be used in cascade mode to support display system with more than 240 rows or columns.

In segment mode, 4-bit or 8-bit parallel input modes are available through pin selection.



2. FEATURES

  BOTH SEGMENT AND COMMON MODE

     Supply voltage for LC driver: +15.0 to +30.0 V

     Supply voltage for logic system: +2.4 to +3.6 V

     240 outputs for either common or segment driving

     Pin selectable between common and segment mode

     Low output impedance

     Low power consumption

  SEGMENT MODE

     Maximum XCK clock frequency: 20 MHz (VDD = +3.0 to +3.6V)

                                               15 MHz (VDD = +2.4 to +3.0V)

     Pin selectable 4-bit or 8-bit input modes

     Automatic transfer function of enable signal

     Automatically stop the internal clock after counting 240 bits of input data in chip select mode

     Line latch circuit reset function when DISPOFF# active

  COMMON MODE

     Maximum LP clock frequency: 1 MHz (VDD = +2.4 to 3.6V)

     Built-in 240 bits bi-directional shift register

     Single (240 bits shift register) or Dual mode (two 120 bits shift register) operations

     Shift register circuit reset function when DISPOFF# active



 




Similar Part No. - SSD1702Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1730 ETC1-SSD1730 Datasheet
199Kb / 21P
SSD1730 MLA Power Chip CMOS
SSD1730QL3 ETC1-SSD1730QL3 Datasheet
199Kb / 21P
SSD1730 MLA Power Chip CMOS
SSD1783 ETC1-SSD1783 Datasheet
3Mb / 79P
132 RGB x 160 CSTN LCD Segment / Common COLOR Driver with Controller
SSD1783U ETC1-SSD1783U Datasheet
3Mb / 79P
132 RGB x 160 CSTN LCD Segment / Common COLOR Driver with Controller
SSD1783U2R1 ETC1-SSD1783U2R1 Datasheet
3Mb / 79P
132 RGB x 160 CSTN LCD Segment / Common COLOR Driver with Controller
More results


Similar Description - SSD1702Z

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
240-OUTPUT TFT-LCD GATE DRIVER
UPD16666A NEC-UPD16666A Datasheet
120Kb / 16P
240-OUTPUT LCD ROW DRIVER
logo
Sharp Corporation
LH1684F SHARP-LH1684F Datasheet
1Mb / 34P
5 V Drive 240 Outputs TFT-LCD Source Driver
logo
List of Unclassifed Man...
NT7702 ETC1-NT7702 Datasheet
384Kb / 38P
240 Output LCD Segment/Common Driver
logo
NEC
UPD16704 NEC-UPD16704 Datasheet
78Kb / 14P
240-OUTPUT TFT-LCD GATE DRIVER
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
240-OUTPUT TFT-LCD SOURCE DRIVER
UPD161641 NEC-UPD161641 Datasheet
135Kb / 15P
240-OUTPUT TFT-LCD GATE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
240-OUTPUT TFT-LCD SOURCE DRIVER
logo
List of Unclassifed Man...
NT7704 ETC1-NT7704 Datasheet
386Kb / 40P
240 Output LCD Segment/Common Driver
logo
Renesas Technology Corp
PD16655 RENESAS-PD16655_15 Datasheet
202Kb / 14P
240-OUTPUT TFT-LCD GATE DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com