Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RPT-12DC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLC-RPT-12DC
Description  PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 12 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RPT-12DC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLC-RPT-12DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RPT-12DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RPT-12DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RPT-12DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RPT-12DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RPT-12DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2900329
07/23/2018   Page 3 / 6
Relay Module - PLC-RPT- 12DC/21-21 - 2900329
Technical data
Connection data output side
Connection name
Contact side
Connection method
Push-in connection
Stripping length
8 mm
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
0.2 mm² ... 2.5 mm² ()
2x 0.5 mm² ... 1 mm² ()
Conductor cross section AWG
26 ... 14
General
Operating mode
100% operating factor
Degree of protection
RT III (Relay)
IP20 (Relay base)
Mechanical service life
3x 107 cycles
Mounting position
any
Assembly instructions
In rows with zero spacing
Standards and Regulations
Connection in acc. with standard
CUL
Designation
Standards/regulations
Standards/regulations
IEC 60664
EN 50178
Rated surge voltage
6 kV
Insulation
Safe isolation of input/output
Degree of pollution
2
Overvoltage category
III
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com