Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-RPT-12DC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # PLC-RPT-12DC
Description  PLC-INTERFACE, consisting of PLC-BPT.../21-21 basic terminal block with push-in connection and plug-in miniature relay with power contact, for mounting on NS 35/7,5 DIN rail, 2 PDTs, input voltage 12 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-RPT-12DC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  PLC-RPT-12DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-RPT-12DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-RPT-12DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-RPT-12DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-RPT-12DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-RPT-12DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2900329
07/23/2018   Page 4 / 6
Relay Module - PLC-RPT- 12DC/21-21 - 2900329
Diagram
0,7
25
30
35
40
45
50
55
60
65
20
1
1,3
0,8
0,9
1,1
1,2
1,4
U
U
N
T[ °C]
U
A
B
U =12VDC
N
Curve A
Maximum permissible continuous voltage Umax with limiting continuous
current on the contact side (see relevant technical data)
Curve B
Minimum permissible operate voltage Uop after pre-excitation (see
relevant technical data)
Diagram
0,1
0,2
0,3
0,5
1
2
4
6
10
20
10
20
30
50
70
100
300
200
1
2
3
4
3
1
4
2
AC,ohmicload
Switchingvoltage[V]
DC,ohmicload,contactsinseries
DC,ohmicload
DC,L/R=40ms
Interrupting rating
Circuit diagram
A2
24
21
22
14
11
12
A1
Articles in set
Relay base - PLC-BPT- 12DC/21-21 - 2900282
14 mm PLC basic terminal block with push-in connection, without relay or solid-state relay, for mounting on DIN rail
NS 35/7,5, 2 PDTs, input voltage 12 V DC
 
 
Single relay - REL-MR- 12DC/21-21 - 2961257
Plug-in miniature power relay, with power contact, 2 PDTs, input voltage 12 V DC
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com