Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2-RSC3-LV-24AC Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # PR2-RSC3-LV-24AC
Description  With DC types, freewheeling diode is integrated in relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR2-RSC3-LV-24AC Datasheet(HTML) 5 Page - PHOENIX CONTACT

  PR2-RSC3-LV-24AC Datasheet HTML 1Page - PHOENIX CONTACT PR2-RSC3-LV-24AC Datasheet HTML 2Page - PHOENIX CONTACT PR2-RSC3-LV-24AC Datasheet HTML 3Page - PHOENIX CONTACT PR2-RSC3-LV-24AC Datasheet HTML 4Page - PHOENIX CONTACT PR2-RSC3-LV-24AC Datasheet HTML 5Page - PHOENIX CONTACT PR2-RSC3-LV-24AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2834737
07/23/2018   Page 5 / 6
Relay Module - PR2-RSC3-LV- 24AC/4X21AU - 2834737
Articles in set
Plug-in module - V- 12- 24UC - 2833864
Plug-in module, for mounting on PR1 and PR2, with varistor, input voltage : 12 ... 24 V AC/DC ±20 %
 
 
Retaining bracket - EL2-P35 - 2833592
Relay retaining bracket, with eject function and integrated equipment marking area (8 x 25 mm), to suit relay base
PR2, for 35 mm high industrial relay
 
 
Marker labels - MP 2 - 2833644
Equipment marker, labeling surface 9 x 25 mm
 
 
Approvals
Approvals
Approvals
EAC
Ex Approvals
Approval details
EAC 
 
 RU C-
DE.A*30.B.01082



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com