Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2-RSC3-LV-24AC Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # PR2-RSC3-LV-24AC
Description  With DC types, freewheeling diode is integrated in relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR2-RSC3-LV-24AC Datasheet(HTML) 2 Page - PHOENIX CONTACT

  PR2-RSC3-LV-24AC Datasheet HTML 1Page - PHOENIX CONTACT PR2-RSC3-LV-24AC Datasheet HTML 2Page - PHOENIX CONTACT PR2-RSC3-LV-24AC Datasheet HTML 3Page - PHOENIX CONTACT PR2-RSC3-LV-24AC Datasheet HTML 4Page - PHOENIX CONTACT PR2-RSC3-LV-24AC Datasheet HTML 5Page - PHOENIX CONTACT PR2-RSC3-LV-24AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2834737
07/23/2018   Page 2 / 6
Relay Module - PR2-RSC3-LV- 24AC/4X21AU - 2834737
Technical data
Coil side
Nominal input voltage UN
24 V AC
Typical input current at UN
54 mA (at 50 Hz)
46 mA (At 60 Hz)
Typical response time
4 ms ... 10 ms
Typical release time range
3 ms ... 12 ms
Protective circuit
Varistor
Operating voltage display
LED red
Power dissipation for nominal condition
1.3 W
Contact side
Contact type
4 PDTs
Type of switch contact
Single contact
Contact material
AgNi, hard gold-plated
Maximum switching voltage
250 V AC/DC
Minimum switching voltage
1 V
Min. switching current
1 mA
Maximum inrush current
12 A (15 ms)
Limiting continuous current
5 A
Interrupting rating (ohmic load) max.
120 W (at 24 V DC)
100 W (at 48 V DC)
78 W (at 60 V DC)
55 W (at 110 V DC)
80 W (at 220 V DC)
1250 VA (for 250 V AC)
General
Test voltage relay winding/relay contact
2 kV (50 Hz, 1 min.)
Test voltage relay contact/relay contact
2 kV (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
RT I (Relay)
Mechanical service life
5x 107 cycles
Mounting position
any
Assembly instructions
In rows with zero spacing
Connection data input side
Connection name
Coil side
Connection method
Screw connection
Stripping length
7 mm
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14
Connection data output side



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com