Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2-RSC3-LV-120AC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PR2-RSC3-LV-120AC
Description  Relay with detectable manual operation and status LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR2-RSC3-LV-120AC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PR2-RSC3-LV-120AC Datasheet HTML 1Page - PHOENIX CONTACT PR2-RSC3-LV-120AC Datasheet HTML 2Page - PHOENIX CONTACT PR2-RSC3-LV-120AC Datasheet HTML 3Page - PHOENIX CONTACT PR2-RSC3-LV-120AC Datasheet HTML 4Page - PHOENIX CONTACT PR2-RSC3-LV-120AC Datasheet HTML 5Page - PHOENIX CONTACT PR2-RSC3-LV-120AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2834740
07/23/2018   Page 3 / 6
Relay Module - PR2-RSC3-LV-120AC/4X21AU - 2834740
Technical data
Connection data output side
Connection name
Contact side
Connection method
Screw connection
Stripping length
7 mm
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14
Standards and Regulations
Standards/regulations
IEC 60664
EN 50178
Degree of pollution
2
Overvoltage category
II
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Circuit diagram
A1
A2
22
12
32
42
24
14
34
44
21
11
31
41
Diagram
Ambienttemperature[°C]
0
0,6
0,8
1
1,2
1,4
1,6
1,8
20
40
60
80
10
30
50
70
Operating voltage range of relay Tu=Tcoil



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com