Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2-RSC3-LV-120AC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # PR2-RSC3-LV-120AC
Description  Relay with detectable manual operation and status LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR2-RSC3-LV-120AC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  PR2-RSC3-LV-120AC Datasheet HTML 1Page - PHOENIX CONTACT PR2-RSC3-LV-120AC Datasheet HTML 2Page - PHOENIX CONTACT PR2-RSC3-LV-120AC Datasheet HTML 3Page - PHOENIX CONTACT PR2-RSC3-LV-120AC Datasheet HTML 4Page - PHOENIX CONTACT PR2-RSC3-LV-120AC Datasheet HTML 5Page - PHOENIX CONTACT PR2-RSC3-LV-120AC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2834740
07/23/2018   Page 4 / 6
Relay Module - PR2-RSC3-LV-120AC/4X21AU - 2834740
Diagram
0,1
0,2
0,3
0,5
1
2
4
6
10
20
10
20
30
50
70
100
300
200
1
2
1
2
Ohmicload
cos
=0.4
j
Switchingvoltage[V]
AC interrupting rating
Diagram
0,1
0,2
0,3
0,5
1
2
4
6
10
20
10
20
30
50
70
100
300
200
1
2
3
4
1
2
4
3
L/R<7ms
ohmicload
ohmicload,2contactsinseries
ohmicload,4contactsinseries
Switchingvoltage[V]
DC interrupting rating
Diagram
Switchingcurrent[A]
250VAC,ohmicload
30VDC,ohmicload
10
6
10
5
0
1
2
3
4
5
10
4
2
1
1
2
Electrical service life
Articles in set
Relay base - PR2-BSC3/4X21 - 2833576
Relay base PR2-B, for industrial relay REL-IR with 2 or 4 PDT, 1/3-level version, screw connections, connection
facility for input/interference suppression modules, for mounting on NS 35/7.5
 
 
Single relay - REL-IR/L-120AC/4X21AU - 2834135
Plug-in industrial relay with power contacts and additional hard gold plating, 4 PDTs, test button, status LED,
mechanical switch setting display, coil voltage: 120 V AC
 
 



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com