Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2-RSP3-LV-24AC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PR2-RSP3-LV-24AC
Description  Relay with detectable manual operation and status LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR2-RSP3-LV-24AC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PR2-RSP3-LV-24AC Datasheet HTML 1Page - PHOENIX CONTACT PR2-RSP3-LV-24AC Datasheet HTML 2Page - PHOENIX CONTACT PR2-RSP3-LV-24AC Datasheet HTML 3Page - PHOENIX CONTACT PR2-RSP3-LV-24AC Datasheet HTML 4Page - PHOENIX CONTACT PR2-RSP3-LV-24AC Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2834779
07/23/2018   Page 3 / 5
Relay Module - PR2-RSP3-LV- 24AC/4X21AU - 2834779
Technical data
Standards and Regulations
EN 50178
Degree of pollution
2
Overvoltage category
II
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Circuit diagram
A1
A2
22
12
32
42
24
14
34
44
21
11
31
41
AC coils
Diagram
Ambienttemperature[°C]
0
0,6
0,8
1
1,2
1,4
1,6
1,8
20
40
60
80
10
30
50
70
Operating voltage range of relay Tu=Tcoil
Diagram
0,1
0,2
0,3
0,5
1
2
4
6
10
20
10
20
30
50
70
100
300
200
1
2
1
2
Ohmicload
cos
=0.4
j
Switchingvoltage[V]
AC interrupting rating
Diagram
0,1
0,2
0,3
0,5
1
2
4
6
10
20
10
20
30
50
70
100
300
200
1
2
3
4
1
2
4
3
L/R<7ms
ohmicload
ohmicload,2contactsinseries
ohmicload,4contactsinseries
Switchingvoltage[V]
DC interrupting rating



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com