Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR2-RSP3-LV-24AC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # PR2-RSP3-LV-24AC
Description  Relay with detectable manual operation and status LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PR2-RSP3-LV-24AC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  PR2-RSP3-LV-24AC Datasheet HTML 1Page - PHOENIX CONTACT PR2-RSP3-LV-24AC Datasheet HTML 2Page - PHOENIX CONTACT PR2-RSP3-LV-24AC Datasheet HTML 3Page - PHOENIX CONTACT PR2-RSP3-LV-24AC Datasheet HTML 4Page - PHOENIX CONTACT PR2-RSP3-LV-24AC Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2834779
07/23/2018   Page 1 / 5
Relay Module - PR2-RSP3-LV- 24AC/4X21AU - 2834779
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Preassembled relay modules with spring-cage connection, consisting of a relay base, industrial relay with
integrated LED and engage/disengage manual actuate lever, varistor module, and retaining bracket. Input
voltage: 24 V AC, four PDTs with gold-plated contacts, 5 A
The figure shows the 24 V DC
version
Why buy this product
 Relay with detectable manual operation and status LED
 With DC types, freewheeling diode is integrated in relay
 Logical contact arrangement thanks to 1/3-level relay base
 Mechanical switch position indicator
 4 PDT types with multi-layer gold contacts
Key Commercial Data
Packing unit
5 STK
Minimum order quantity
5 STK
GTIN
GTIN
4046356044592
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
31 mm
Height
95 mm
Depth
84 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C


Similar Part No. - PR2-RSP3-LV-24AC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PR2-RSP3-LV-230AC PHOENIX-PR2-RSP3-LV-230AC Datasheet
110Kb / 5P
With DC types, freewheeling diode is integrated in relay
More results

Similar Description - PR2-RSP3-LV-24AC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PR2-RSC3-LV-120AC PHOENIX-PR2-RSC3-LV-120AC Datasheet
113Kb / 6P
Relay with detectable manual operation and status LED
REL-OR PHOENIX-REL-OR Datasheet
78Kb / 3P
Plug-in octal relay with power contacts, specially designed for switching high DC loads, 1 N/O contact, detectable manual operation, status LED, blowout magnet, coil voltage: 24 V DC
REL-MR-24AC PHOENIX-REL-MR-24AC Datasheet
98Kb / 4P
With detectable manual operation
REL-MR-230AC PHOENIX-REL-MR-230AC Datasheet
98Kb / 4P
With detectable manual operation
logo
WAGO Kontakttechnik Gmb...
788-125 WAGO-788-125 Datasheet
51Kb / 3P
Accessories for relay modules; Operation status indicator: red
788-124 WAGO-788-124 Datasheet
52Kb / 3P
Accessories for relay modules; Operation status indicator: red
788-121 WAGO-788-121 Datasheet
53Kb / 3P
Accessories for relay modules; Operation status indicator
788-120 WAGO-788-120 Datasheet
53Kb / 3P
Accessories for relay modules; Operation status indicator: red;
788-109 WAGO-788-109 Datasheet
199Kb / 6P
Relay socket; 2 changeover contacts; with manual operation;
788-108 WAGO-788-108 Datasheet
201Kb / 6P
Relay socket; 1 changeover contact; with manual operation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com