Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1DDF-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # HS1DDF-13
Description  1.0A SURFACE MOUNT HYPER-FAST RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

HS1DDF-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  HS1DDF-13 Datasheet HTML 1Page - Diodes Incorporated HS1DDF-13 Datasheet HTML 2Page - Diodes Incorporated HS1DDF-13 Datasheet HTML 3Page - Diodes Incorporated HS1DDF-13 Datasheet HTML 4Page - Diodes Incorporated HS1DDF-13 Datasheet HTML 5Page - Diodes Incorporated HS1DDF-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HS1DDF
Document number: DS39665 Rev. 3 - 2
1 of 6
www.diodes.com
April 2018
© Diodes Incorporated
HS1DDF
1.0A SURFACE MOUNT HYPER-FAST RECTIFIER
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF(MAX) (V)
IR(MAX) (µA)
200
1
1.1
5
Description and Applications
The HS1DDF is a rectifier packaged in the D-FLAT package and is
suited as boost diode in power factor correction circuitry. For use in
secondary rectification and freewheeling for superfast switching
speed AC-DC and DC-DC converters in high temperature conditions
for consumer applications.
DC-DC Converters
AC-DC Adaptors/Chargers
Inverters
Features and Benefits
Low Profile, Small Form Factor Package
Low Leakage Current
Glass Passivated for High Reliability
Hyper-Fast Recovery Times for High Efficiency
Low Forward Voltage, Low Power Loss
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: D-FLAT
Case Material:
Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.0354 grams (Approximate)
Ordering Information (Note 4)
Part Number
Qualification
Case
Packaging
HS1DDF-13
Commercial
D-FLAT
10,000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
D-FLAT
Top View
Green
D-FLAT
Schematic View
HS1D = Product Type Marking Code
= Manufacturers’ Code Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 7 for 2017)
WW = Week Code (01 to 53)
e3


Similar Part No. - HS1DDF-13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1D TSC-HS1D Datasheet
66Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
HS1D TSC-HS1D Datasheet
133Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
logo
GOOD-ARK Electronics
HS1D GOOD-ARK-HS1D Datasheet
192Kb / 2P
High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.0 Ampere
logo
Taiwan Semiconductor Co...
HS1D TSC-HS1D Datasheet
471Kb / 2P
1.0 AMP. High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS1D YANGJIE-HS1D Datasheet
143Kb / 2P
High Efficient Rectifier
More results

Similar Description - HS1DDF-13

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
US1A WTE-US1A Datasheet
48Kb / 3P
1.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Diodes Incorporated
MURS120 DIODES-MURS120 Datasheet
59Kb / 3P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30179 Rev. 3 - 2
DFLU1200 DIODES-DFLU1200 Datasheet
112Kb / 3P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30601 Rev. 2 - 2
logo
TAITRON Components Inco...
ES1A TAITRON-ES1A Datasheet
240Kb / 4P
1.0A Surface Mount Super Fast Rectifier
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
1.0A Surface Mount Fast Recovery Rectifier
logo
Diodes Incorporated
US1D-13-F DIODES-US1D-13-F Datasheet
125Kb / 4P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 10
logo
SUNMATE electronic Co.,...
MURA115 SUNMATE-MURA115 Datasheet
162Kb / 3P
1.0A Surface Mount Super Fast Rectifier
logo
Diodes Incorporated
DFLF1800 DIODES-DFLF1800_15 Datasheet
337Kb / 5P
1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
Rev 3
US1A DIODES-US1A_15 Datasheet
178Kb / 5P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
Rev 11
HS1D DIODES-HS1D Datasheet
415Kb / 6P
1.0A SURFACE MOUNT HYPER-FAST RECTIFIER
Rev 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com