Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS1DDF-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # HS1DDF-13
Description  1.0A SURFACE MOUNT HYPER-FAST RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

HS1DDF-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  HS1DDF-13 Datasheet HTML 1Page - Diodes Incorporated HS1DDF-13 Datasheet HTML 2Page - Diodes Incorporated HS1DDF-13 Datasheet HTML 3Page - Diodes Incorporated HS1DDF-13 Datasheet HTML 4Page - Diodes Incorporated HS1DDF-13 Datasheet HTML 5Page - Diodes Incorporated HS1DDF-13 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
HS1DDF
Document number: DS39665 Rev. 3 - 2
3 of 6
www.diodes.com
April 2018
© Diodes Incorporated
HS1DDF
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
25
50
75
100
125
150
175
Note 5
Note 6
Figure 1 Forward Current Derating Curve
T , AMBIENT TEMPERATURE (°C)
A
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
T = 100°C
A
Figure 2 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
F
0.0001
0.001
0.01
0.1
1
10
0
50
100
150
200
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
T = 100°C
A
Figure 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
1
10
100
1000
10000
0
20
40
60
80
100
f = 1MHz
Figure 4 Total Capacitance vs. Reverse Voltage
V , DC REVERSE VOLTAGE (V)
R
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.5
1
1.5
2
Figure 5 Forward Power Dissipation
IF
, AVERAGE FORWARD CURRENT (A)
(AV)
0
50
250
200
150
100
0
50
100
150
200
T , DERATED AMBIENT TEMPERATURE (°C)
Fig. 6 Operating Temperature Derating
A
Note 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com