Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDU540 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDU540
Description  5A ULTRA-FAST RECOVERY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDU540 Datasheet(HTML) 2 Page - Diodes Incorporated

  PDU540 Datasheet HTML 1Page - Diodes Incorporated PDU540 Datasheet HTML 2Page - Diodes Incorporated PDU540 Datasheet HTML 3Page - Diodes Incorporated PDU540 Datasheet HTML 4Page - Diodes Incorporated PDU540 Datasheet HTML 5Page - Diodes Incorporated PDU540 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PDU540
Document number: DS30759 Rev. 4 - 2
2 of 6
www.diodes.com
August 2016
© Diodes Incorporated
PDU540
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
400
V
RMS Reverse Voltage
VR(RMS)
283
V
Average Rectified Output Current (See Figure 4)
IO
5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on Rated Load
IFSM
125
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RθJS
3.0
°C/W
Thermal Resistance Junction to Ambient Air (Note 5)
TA = +25°C
RθJA
95
°C/W
Thermal Resistance Junction to Ambient Air (Note 6)
TA = +25°C
RθJA
55
°C/W
Thermal Resistance Junction to Ambient Air (Note 7)
TA = +25°C
RθJA
40
°C/W
Operating Temperature Range
TJ
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Test Condition
Minimum Reverse Breakdown Voltage (Note 8)
V(BR)R
400
V
IR = 10µA
Maximum Forward Voltage
VFM
1.185
0.935
1.25
1.00
V
IF = 5A, TS = +25°C
IF = 5A, TS = +150°C
IF = 8A, TS = +25°C
IF = 8A, TS = +150°C
Maximum Reverse Leakage Current (Note 8)
IRM
10
500
µA
TS = +25°C, VR = 400V
TS = +100°C, VR = 400V
Maximum Reverse Recovery Time
tRR
35
ns
IF = 0.5A, IR = 1.0A
IRR = 0.25A (See Figure 7)
Notes:
5. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/package-outlines.html.
6. Polymide PCB, 2oz. Copper, minimum recommended pad layout per http://www.diodes.com/package-outlines.html.
7. Polymide PCB, 2oz. Copper. Cathode pad dimensions 9.4mm x 7.2mm. Anode pad dimensions 2.7mm x 1.6mm.
8. Short duration pulse test used to minimize self-heating effect.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com