Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDU540 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PDU540
Description  5A ULTRA-FAST RECOVERY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDU540 Datasheet(HTML) 3 Page - Diodes Incorporated

  PDU540 Datasheet HTML 1Page - Diodes Incorporated PDU540 Datasheet HTML 2Page - Diodes Incorporated PDU540 Datasheet HTML 3Page - Diodes Incorporated PDU540 Datasheet HTML 4Page - Diodes Incorporated PDU540 Datasheet HTML 5Page - Diodes Incorporated PDU540 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PDU540
Document number: DS30759 Rev. 4 - 2
3 of 6
www.diodes.com
August 2016
© Diodes Incorporated
PDU540
0
0.4
0.8
1.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Characteristics
1m
10m
100m
1
10
100
0.2
0.6
1
1.4
T = -65°C
J
T = 150°C
J
T = 125°C
J
T = 85°C
J
T = 25°C
J
0
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
0.001
0.0001
0.01
0.1
10
1
100
50
100
150
200
250
300
350
400
T = -65°C
J
T = 25°C
J
T = 150°C
J
T = 85°C
J
T = 125°C
J
V , REVERSE VOLTAGE (V)
R
Fig. 3 Typical Total Capacitance vs. Reverse Voltage
0
30
60
90
120
150
180
210
240
0
10
20
30
f = 1MHz
0
1.5
3.0
4.5
6.0
0
1
3
2
4
5
6
7
8
9
10
I , FORWARD CURRENT (A)
F
Fig. 5 Forward Power Dissipation
IPK
IAV
= 1 (DC)
0
100
400
200
300
0
50
100
150
200
T , DERATED AMBIENT TEMPERATURE (°C)
A
Fig. 6 Operating Temperature Derating
Note 5
500
0
1
2
3
5
6
4
0
25
50
75
125
100
150
175
I
,
D
C
F
O
R
W
A
R
D
C
U
R
R
E
N
T
(
A
)
F
T , AMBIENT TEMPERATURE (°C)
A
Fig. 4 DC Forward Current Derating
Note 6
Note 5
Note 7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com