Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2002AL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TC2002AL
Description  EXTERNAL DIMENSIONS AND DISPLAY PATTERN
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TC2002AL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TC2002AL Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TC2002A(L)
TINSHARP ELECTRONICS CO.LTD
EXTERNAL DIMENSIONS AND DISPLAY PATTERN
MECHANICAL DATA (Nominal dimensions)
PIN CONFIGURATION
ITEM
SPECFICATION
UNIT
Module Size( WxH )
116.0x37.0
mm
Viewing Area( WxH )
83.0x18.5
mm
Internel Area( WxH )
76.78X11.40
mm
Dot pitch( WxH )
0.66x0.68
mm
Dot Size(WxH )
0.61x0.63
mm
Character Pitch( WxH )
3.87x6.01
mm
Character Size( WxH )
3.25x5.39
mm
Number of character
20characterx2line
char
ITEM SYMBOL
DESCRIPTION
1
VSS
Ground
2
VDD
Power supply for logic and LCD
3
V0
Operating voltage for LCD
4
RS
Register select
5
R/W
Read/Write Select
6
E
Read/Write Enable
7-14 DB0-DB7 Data Bus
15
K
Cathode of LED
16
A
Anode of LED
ELECTRICAL CHARACTERISTICS
Power supply
Block diagram
Standard value
Item
Symbol
Test
Condition
min. typ. max.
Unit
Supply Voltage
for Logic
VDD-VSS
-
4.5
5.0
5.5
V
Supply Voltage
for LCD
VDD-V0
-
0
-
5.0
V
Input high
Voltage
VIH
-
2.2
-
VDD
V
Input low
Voltage
VIL
-
-0.3
-
0.6
V
Output high
Voltage
VOH
-IOH=0.2mA
2.4
-
-
V
Output low
Voltage
VOL
IOL=1.2mA
-
-
0.4
V
Power Supply
Current
IDD
VDD=5.0V
-
1.8
3.0
mA
With B/L
Iled
VDD=5.0V
-
140
mA
Drive method
1/16Duty
1/5Bias
PDF created with FinePrint pdfFactory trial version http://www.fineprint.com


Similar Part No. - TC2002AL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TC200 UTC-TC200 Datasheet
72Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Tripath Technology Inc.
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TC2001 TRIPATH-TC2001 Datasheet
666Kb / 34P
STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
logo
Unisonic Technologies
TC200G-Y-T92-B UTC-TC200G-Y-T92-B Datasheet
72Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
TC200G-Y-T92-K UTC-TC200G-Y-T92-K Datasheet
72Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - TC2002AL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG2406401 ETC-AG2406401 Datasheet
51Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERNS
AA16206 ETC-AA16206 Datasheet
47Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERNS
AA16208 ETC-AA16208 Datasheet
48Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERNS
TG12232 ETC1-TG12232 Datasheet
130Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERN
AA16201 ETC1-AA16201 Datasheet
56Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERNS
logo
Sanken electric
2SK3004 SANKEN-2SK3004 Datasheet
49Kb / 2P
External dimensions
2SK3199 SANKEN-2SK3199 Datasheet
49Kb / 2P
External dimensions
2SK3003 SANKEN-2SK3003 Datasheet
42Kb / 2P
External dimensions
2SK3199 SANKEN-2SK3199 Datasheet
53Kb / 2P
External dimensions
FKV550T SANKEN-FKV550T Datasheet
27Kb / 1P
External dimensions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com