Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2000 Datasheet (PDF) - Tripath Technology Inc.

TC2000 Datasheet PDF - Tripath Technology Inc.
Part # TC2000
Download  TC2000 Download
File Size   202.5 Kbytes
Page   9 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY

TC2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC2000 Datasheet PDF - Tripath Technology Inc.

Part # TC2000
Download  TC2000 Click to download

File Size   202.5 Kbytes
Page   9 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY

TC2000 Datasheet (HTML) - Tripath Technology Inc.


TC2000 Product details

GENERAL DESCRIPTION

The TC2000 is a two channel audio controller that uses Tripath’s proprietary Digital Power Processing (DPPTM) technology. When combined with switching power output stages, the TC2000 allows the implementation of a complete Class-T audio amplifier. Class-T amplifiers offer both the audio fidelity of Class-AB and the power efficiency of Class-D amplifiers.



FEATURES

• Class-T Architecture

• Audiophile Quality Sound

• 0.007% THD+N @ 30W 8Ω (with TP2050)

• High Efficiency

• 92% @ 60W 8Ω (with TP2050)

• Dynamic Range >100 dB



APPLICATIONS

• 5.1-Channel DVD

• Mini/Micro Component Systems

• Home Theater

• Stereo applications



BENEFITS

• High fidelity, high efficiency Class-T

• Analog inputs



 




Similar Part No. - TC2000

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TC200 UTC-TC200 Datasheet
72Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Tripath Technology Inc.
TC2001 TRIPATH-TC2001 Datasheet
666Kb / 34P
STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
logo
List of Unclassifed Man...
TC2002A ETC-TC2002A Datasheet
121Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERN
TC2002AL ETC-TC2002AL Datasheet
121Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERN
logo
Unisonic Technologies
TC200G-Y-T92-B UTC-TC200G-Y-T92-B Datasheet
72Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
More results


Similar Description - TC2000

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
RB-TA3020-1 TRIPATH-RB-TA3020-1 Datasheet
831Kb / 20P
CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com