Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2000 Datasheet(PDF) 4 Page - Tripath Technology Inc.

Part # TC2000
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2000 Datasheet(HTML) 4 Page - Tripath Technology Inc.

  TC2000 Datasheet HTML 1Page - Tripath Technology Inc. TC2000 Datasheet HTML 2Page - Tripath Technology Inc. TC2000 Datasheet HTML 3Page - Tripath Technology Inc. TC2000 Datasheet HTML 4Page - Tripath Technology Inc. TC2000 Datasheet HTML 5Page - Tripath Technology Inc. TC2000 Datasheet HTML 6Page - Tripath Technology Inc. TC2000 Datasheet HTML 7Page - Tripath Technology Inc. TC2000 Datasheet HTML 8Page - Tripath Technology Inc. TC2000 Datasheet HTML 9Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
4
TC2000 – KLI/1.1/12-03
APPLICATION / TEST DIAGRAM
Inputs and TC2000
RO FA
500K
CO F
.1u;50V
RFBC
RFBB
V5
RI
20K
C7
.1u;50V
RO FA
500K
RFBB
OU T1A
CFB
IN 2
TC 2000
IN 1
RO FA
500K
RO FA
500K
CFB
RO FB
5K
1
3
2
+
CI
2.2u;10V
V5
RFBC
RF
20K
+
CI
2.2u;10V
CFB
CO F
.1u;50V
RF
20K
OU T2A
CS
.1u;50V
RFBB
RI
20K
RO FB
5K
1
3
RFBC
J10
RCA
1
2
1
2
RREF
8.2K
CFB
OU T1B
JP
JUMPER
1
2
J9
RCA
1
2
1
2
CS
100u;16V
RFBB
OU T2B
15
16
17
18
19
20
21
22
23
24
25
26
27
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Y1B
HMUTE
Y1
Y2B
Y2
RFBC
REF
O CD0
VNNSENSE
O VRLDB
VPPSENSE
AG ND
V5
OAOUT1
INV1
MUTE
BBM2
BBM1
OAOUT2
INV2
V5
+
V5
BIASCAP
FDBKP2
DCMP
FDBKN2
VPW R
FDBKP1
FDBKN1
HMUTE
Y1
Y1B
Y2B
Y2
NC
O CD1
RVNNSENSE
10k
RVPPSENSE
20k
V5
V5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com