Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2000 Datasheet(PDF) 1 Page - Tripath Technology Inc.

Part # TC2000
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2000 Datasheet(HTML) 1 Page - Tripath Technology Inc.

  TC2000 Datasheet HTML 1Page - Tripath Technology Inc. TC2000 Datasheet HTML 2Page - Tripath Technology Inc. TC2000 Datasheet HTML 3Page - Tripath Technology Inc. TC2000 Datasheet HTML 4Page - Tripath Technology Inc. TC2000 Datasheet HTML 5Page - Tripath Technology Inc. TC2000 Datasheet HTML 6Page - Tripath Technology Inc. TC2000 Datasheet HTML 7Page - Tripath Technology Inc. TC2000 Datasheet HTML 8Page - Tripath Technology Inc. TC2000 Datasheet HTML 9Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
1
TC2000 – KLI/1.1/12-03
TC2000
STEREO CLASS-T™ AUDIO CONTROLLER USING DIGITAL
POWER PROCESSING (DPP™) TECHNOLOGY
Technical Information
Rev i sion 1.1 – December
2003
GENERAL DESCRIPTION
The TC2000 is a two channel audio controller that uses Tripath’s proprietary Digital Power
Processing (DPP
TM) technology. When combined with switching power output stages, the
TC2000 allows the implementation of a complete Class-T audio amplifier. Class-T amplifiers offer
both the audio fidelity of Class-AB and the power efficiency of Class-D amplifiers.
APPLICATIONS
5.1-Channel DVD
Mini/Micro Component Systems
Home Theater
Stereo applications
BENEFITS
High fidelity, high efficiency Class-T
Analog inputs
FEATURES
Class-T Architecture
Audiophile Quality Sound
0.007% THD+N @ 30W 8
Ω (with TP2050)
High Efficiency
92% @ 60W 8Ω (with TP2050)
Dynamic Range >100 dB


Similar Part No. - TC2000

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TC200 UTC-TC200 Datasheet
72Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Tripath Technology Inc.
TC2001 TRIPATH-TC2001 Datasheet
666Kb / 34P
STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
logo
List of Unclassifed Man...
TC2002A ETC-TC2002A Datasheet
121Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERN
TC2002AL ETC-TC2002AL Datasheet
121Kb / 1P
EXTERNAL DIMENSIONS AND DISPLAY PATTERN
logo
Unisonic Technologies
TC200G-Y-T92-B UTC-TC200G-Y-T92-B Datasheet
72Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - TC2000

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
RB-TA3020-1 TRIPATH-RB-TA3020-1 Datasheet
831Kb / 20P
CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com