Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2000 Datasheet(PDF) 5 Page - Tripath Technology Inc.

Part # TC2000
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2000 Datasheet(HTML) 5 Page - Tripath Technology Inc.

  TC2000 Datasheet HTML 1Page - Tripath Technology Inc. TC2000 Datasheet HTML 2Page - Tripath Technology Inc. TC2000 Datasheet HTML 3Page - Tripath Technology Inc. TC2000 Datasheet HTML 4Page - Tripath Technology Inc. TC2000 Datasheet HTML 5Page - Tripath Technology Inc. TC2000 Datasheet HTML 6Page - Tripath Technology Inc. TC2000 Datasheet HTML 7Page - Tripath Technology Inc. TC2000 Datasheet HTML 8Page - Tripath Technology Inc. TC2000 Datasheet HTML 9Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
5
TC2000 – KLI/1.1/12-03
EXTERNAL COMPONENTS DESCRIPTION (Refer to the Application/Test Circuit)
Component
Description
RI
Inverting input resistance to provide AC gain in conjunction with RF. This input is
biased at the BIASCAP voltage (approximately 2.5VDC).
RF
Feedback resistor to set AC gain in conjunction with RI. Please refer to the
Amplifier Gain paragraph, in the Application Information section.
CI
AC input coupling capacitor, which, in conjunction with RI, forms a high pass filter
at
)
C
R
2
(
1
f
I
I
C
π
=
.
RFBB
Feedback divider resistor connected to AGND. The value of this resistor depends
on the supply voltage setting and helps set gain in conjunction with RI, RF, RFBB,
and RFBC. Please see the Modulator Feedback Design paragraphs in the
Application Information Section.
RFBC
Feedback resistor connected from either the OUT1A/OUT2A to FDBKP1/FDBKP2
or OUT1B/OUT2B to FDBKN1/FDBKN2. The value of this resistor depends on
the supply voltage setting and helps set gain in conjunction with RI, RF, RFBB, and
RFBC. It should be noted that the resistor from OUT1/OUT2 to
FBKOUT1/FBKOUT2 must have a power rating of greater than
)
(2R
VPP
P
FBC
2
DISS =
. Please see the Modulator Feedback Design paragraphs in
the Application Information Section.
CFB
Feedback delay capacitor that both lowers the idle switching frequency and filters
very high frequency noise from the feedback signal, which improves amplifier
performance. The value of CFB should be offset between channel 1 and channel 2
so that the idle switching difference is greater than 40kHz. Please refer to the
Application / Test Circuit.
ROFB
Potentiometer used to manually trim the DC offset on the speaker output.
ROFA
Resistor that limits the manual DC offset trim range and allows for more precise
adjustment.
RREF
Bias resistor. Locate close to pin 15 and ground at pin 20.
CS
Supply decoupling for the power supply pins. For optimum performance, these
components should be located close to the TC2000 and returned to their
respective ground as shown in the Application/Test Circuit.
RVNNSENSE
Resistor used to terminate the VNNSENSE pin to AGND.
RVPPSENSE
Resistor used to terminate the VPPSENSE pin to 5V.
APPLICATION INFORMATION
T K 2050 Basic A m p lifier Op eratio n
The TC2000 is a 5V CMOS signal processor that amplifies the audio input signal and converts the
audio signal to a switching pattern. This switching pattern is spread spectrum with a typical idle
switching frequency of about 650kHz externally set by the CFB. The switching patterns for the two
channels are not synchronized and the idle switching frequencies should differ by at least 40kHz to
avoid increasing the audio band noise floor. The idle frequency difference can be accomplished by
offsetting the value of CFB for each channel. Typical values of CFB with the TP2050 are 470pF for
channel 1 and 390pF for channel 2.
Complementary copies of the switching pattern are output through the Y1 and Y1B pins and the Y2
and Y2B pins. These signals are used to drive the inputs of a MOSFET driver. In the generation of
the patterns for the MOSFET driver the TC2000 inserts a “break-before-make” dead time between the



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com