Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2000 Datasheet(PDF) 7 Page - Tripath Technology Inc.

Part # TC2000
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2000 Datasheet(HTML) 7 Page - Tripath Technology Inc.

  TC2000 Datasheet HTML 1Page - Tripath Technology Inc. TC2000 Datasheet HTML 2Page - Tripath Technology Inc. TC2000 Datasheet HTML 3Page - Tripath Technology Inc. TC2000 Datasheet HTML 4Page - Tripath Technology Inc. TC2000 Datasheet HTML 5Page - Tripath Technology Inc. TC2000 Datasheet HTML 6Page - Tripath Technology Inc. TC2000 Datasheet HTML 7Page - Tripath Technology Inc. TC2000 Datasheet HTML 8Page - Tripath Technology Inc. TC2000 Datasheet HTML 9Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
7
TC2000 – KLI/1.1/12-03
For the best signal-to-noise ratio and lowest distortion, the maximum differential modulator feedback
voltage should be approximately 4Vpp. This will keep the gain of the modulator as low as possible
and still allow headroom so that the feedback signal does not clip the modulator feedback stage.
The modulator feedback resistors are:
RFBB = User specified; typically1kΩ
FBB
FBB
CC
FBC
R
2V
R
V
R
−
∗
=
Mute Control
When a logic high signal is supplied to MUTE, both amplifier channels are muted (both high- and low-
side transistors are turned off). When a logic level low is supplied to MUTE, both amplifiers are fully
operational.
Ou tp u t Vo ltag e Offset
The TC2000 does not have internal compensation for DC offset. If offset is a consideration for the
intended application, trimming of the input offset voltage will be required. Tripath has had success
with both active and passive circuits for this purpose; please consult with the Tripath Applications
team for further information.
HMUTE
The HMUTE pin is a 5V logic output that indicates various fault conditions within the device.
OVRLDB
The OVRLDB pin is a 5V logic output that is asserted just at the onset of clipping. When low, it
indicates that the level of the input signal has overloaded the amplifier resulting in increased distortion
at the output. The OVRLDB signal can be used to control a distortion indicator light or LED through a
simple buffer circuit, as the OVRLDB cannot drive an LED directly. There is a 20K resistor on chip in
series with the OVRLDB output.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com