Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2000 Datasheet(PDF) 6 Page - Tripath Technology Inc.

Part # TC2000
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2000 Datasheet(HTML) 6 Page - Tripath Technology Inc.

  TC2000 Datasheet HTML 1Page - Tripath Technology Inc. TC2000 Datasheet HTML 2Page - Tripath Technology Inc. TC2000 Datasheet HTML 3Page - Tripath Technology Inc. TC2000 Datasheet HTML 4Page - Tripath Technology Inc. TC2000 Datasheet HTML 5Page - Tripath Technology Inc. TC2000 Datasheet HTML 6Page - Tripath Technology Inc. TC2000 Datasheet HTML 7Page - Tripath Technology Inc. TC2000 Datasheet HTML 8Page - Tripath Technology Inc. TC2000 Datasheet HTML 9Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
6
TC2000 – KLI/1.1/12-03
turn-off of one transistor and the turn-on of the other in order to minimize shoot-through currents. For
applications using the TP2050 please tie BBM0 and BBM1 to 5V for optimal operation.
Input Sta g e De s i gn
The TC2000 input stage is configured as an inverting amplifier, allowing the system designer flexibility
in setting the input stage gain and frequency response. Figure 1 shows a typical application where
the input stage is a constant gain inverting amplifier. The input stage gain should be set so that the
maximum input signal level will drive the input stage output to 4Vpp.
TC2000
INPUT2
OAOUT2
V5
OAOUT1
+
-
CI
+
-
INV1
INPUT1
BIASCAP
AGND
RF
RI
CI
RF
AGND
INV2
V5
RI
Figure 1: Input Stage
The gain of the input stage, above the low frequency high pass filter point, is that of a simple inverting
amplifier: It should be noted that the input amplifiers are biased at approximately 2.5VDC. Thus, the
polarity of CI must be followed as shown in Figure 1 for a standard ground referenced input signal
I
F
STAGE
INPUT
V
R
R
A
−
=
Input Ca pa c i tor Se le c t ion
CI can be calculated once a value for RI has been determined. CI and RI determine the input low
frequency pole. Typically this pole is set below 10Hz. CI is calculated according to:
I
P
I
R
f
2
1
C
π
=
where:
I
R = Input resistor value in ohms.
P
f = Input low frequency pole (typically 10Hz or below)
Modulator Feedback Design
The modulator converts the signal from the input stage to the high-voltage output signal. The
optimum gain of the modulator is determined from the maximum allowable feedback level for the
modulator and maximum supply voltage for the power stage. Depending on the maximum supply
voltage, the feedback ratio will need to be adjusted to maximize performance. The values of RFBB
and RFBC (see explanation below) define the gain of the modulator. Once these values are chosen,
based on the maximum supply voltage, the gain of the modulator will be fixed even as the supply
voltage fluctuates due to current draw.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com