Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2000 Datasheet(PDF) 2 Page - Tripath Technology Inc.

Part # TC2000
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TC2000 Datasheet(HTML) 2 Page - Tripath Technology Inc.

  TC2000 Datasheet HTML 1Page - Tripath Technology Inc. TC2000 Datasheet HTML 2Page - Tripath Technology Inc. TC2000 Datasheet HTML 3Page - Tripath Technology Inc. TC2000 Datasheet HTML 4Page - Tripath Technology Inc. TC2000 Datasheet HTML 5Page - Tripath Technology Inc. TC2000 Datasheet HTML 6Page - Tripath Technology Inc. TC2000 Datasheet HTML 7Page - Tripath Technology Inc. TC2000 Datasheet HTML 8Page - Tripath Technology Inc. TC2000 Datasheet HTML 9Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
2
TC2000 – KLI/1.1/12-03
ABSOLUTE MAXIMUM RATINGS (Note 1)
SYMBOL
PARAMETER
Value
UNITS
V5
5V Power Supply
6
V
Vlogic
Input Logic Level
V5+0.3V
V
TA
Operating Free-air Temperature Range
-40 to 85
°C
TSTORE
Storage Temperature Range
-55 to 150
°C
TJMAX
Maximum Junction Temperature
150
°C
ESDHB
ESD Susceptibility – Human Body Model (Note 2), all pins
2000
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
See the table below for Operating Conditions.
Note 2: Human body model, 100pF discharged through a 1.5K
Ω resistor.
OPERATING CONDITIONS
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
V5
Supply Voltage
4.5
5
5.5
V
VHI
Logic Input High
V5-1.0
V
VLO
Logic Input Low
1
V
TA
Operating Temperature Range
-40
25
85
°C
THERMAL CHARACTERISTICS
TC2000
SYMBOL
PARAMETER
Value
UNITS
θJA
Junction-to-ambient Thermal Resistance (still air)
80
°C/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
I5
Supply Current
60
mA
fsw
Switching Frequency (adjustable via CFB)
600
650
kHz
VIN
Input Sensitivity
0
1.5
V
VOUTHI
High Output Voltage
V5-0.5
V
VOUTLO
Low Output Voltage
100
mV
RIN
Input Impedance
2
kΩ
Input DC Bias
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com