Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2022 Datasheet (PDF) - Tripath Technology Inc.

TA2022 Datasheet PDF - Tripath Technology Inc.
Part # TA2022
Download  TA2022 Download
File Size   420.19 Kbytes
Page   31 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY

TA2022 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2022 Datasheet PDF - Tripath Technology Inc.

Part # TA2022
Download  TA2022 Click to download

File Size   420.19 Kbytes
Page   31 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY

TA2022 Datasheet (HTML) - Tripath Technology Inc.


TA2022 Product details

GENERAL DESCRIPTION

The TA2022 is a 90W (4Ω) continuous average per channel Class-T Digital Audio Power Amplifier IC using Tripath’s proprietary Digital Power Processing (DPP™) technology. Class-T amplifiers offer both the audio fidelity of Class-AB and the power efficiency of Class-D amplifiers.



FEATURES

► Class-T architecture

► High Power

   ► 100W @ 4Ω, 1.0% THD+N

   ► 90W @ 4Ω, 0.1% THD+N

   ► 60W @ 8Ω, 0.1% THD+N

► “Audiophile” Sound Quality

   ► 0.015% THD+N @ 70W 4Ω

   ► 0.015% THD+N @ 45W 8Ω

   ► 0.10% IHF-IM @ 25W 4Ω

► High Efficiency

   ► 92% @ 88W 8Ω

   ► 87% @ 125W 4Ω

► Dynamic Range = 102 dB

► Mute Input

► Integrated Gate Drive Supply

► Over-current protection

► Over and under-voltage protection

► Single ended outputs

► Outputs can be operated in bridged mode

► 32-pin SSIP package



APPLICATIONS

► DVD Players

► Mini/Micro Component Systems

► Home Theater

► Powered Speakers



 




Similar Part No. - TA2022

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2022 TOSHIBA-TA2022 Datasheet
693Kb / 17P
1.5V AM/FM IFMPX
logo
Powerex Power Semicondu...
TA202216 POWEREX-TA202216 Datasheet
200Kb / 4P
Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
TA202218 POWEREX-TA202218 Datasheet
200Kb / 4P
Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
TA20221803DH POWEREX-TA20221803DH Datasheet
1Mb / 4P
Phase Control Thyristor
logo
Toshiba Semiconductor
TA2022AFN TOSHIBA-TA2022AFN Datasheet
693Kb / 17P
1.5V AM/FM IFMPX
More results


Similar Description - TA2022

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com