Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2021B Datasheet (PDF) - Tripath Technology Inc.

TA2021B Datasheet PDF - Tripath Technology Inc.
Part # TA2021B
Download  TA2021B Download
File Size   268.0 Kbytes
Page   12 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY

TA2021B Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2021B Datasheet PDF - Tripath Technology Inc.

Part # TA2021B
Download  TA2021B Click to download

File Size   268.0 Kbytes
Page   12 Pages
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.
Description STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY

TA2021B Datasheet (HTML) - Tripath Technology Inc.


TA2021B Product details

General Description
The TA2021B is a 25W (4Ω) continuous average per channel Class-T Digital Audio Power Amplifier IC using Tripath’s proprietary Digital Power Processing (DPPTM) technology. Class-T amplifiers offer both the audio fidelity of Class-AB and the power efficiency of Class-D amplifiers.

Features
➤ Class-T architecture
➤ Single Supply Operation
➤ “Audiophile” Quality Sound
   ➤ 0.05% THD+N @ 13W 4Ω
   ➤ 0.1% THD+N @15.5W 4Ω
   ➤ 0.1% IHF-IM @ 1W 4Ω
➤ High Power
   ➤ 25W @ 4Ω, 10% THD+N, VDD=14.6V
   ➤ 23.5W @ 4Ω, 10% THD+N, VDD=14.2V
   ➤ 14W @ 8Ω, 10% THD+N, VDD=14.2V
➤ High Efficiency
   ➤ 88% @ 13.5W 8Ω
   ➤ 81% @ 25W 4Ω
➤ Dynamic Range = 100 dB
➤ Mute and Sleep inputs
➤ Turn-on & turn-off pop suppression
➤ Over-current protection
➤ Over-temperature protection
➤ Bridged outputs
➤ 36-pin PSOP “Slug-Up” package

Benefits
➤ Fully integrated solution with internal FETs
➤ Easier to design-in than Class-D
➤ Dramatically improves efficiency versus Class-AB amplifiers
➤ Signal fidelity equal to high quality linear amplifiers
➤ High dynamic range compatible with digital media such as CD and DVD, and internet audio

Applications
➤ DVD Receivers
➤ Mini/Micro Component Systems
➤ Computer / PC Multimedia
➤ Cable Set-Top Products
➤ Televisions
➤ Battery Powered Systems




Similar Part No. - TA2021B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2021B TAI-SAW-TA2021B Datasheet
708Kb / 6P
SAW Filter 869 MHz (BW 2MHz) SMD 3X3 mm
More results


Similar Description - TA2021B

ManufacturerPart #DatasheetDescription
logo
Tripath Technology Inc.
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
RB-TA3020-1 TRIPATH-RB-TA3020-1 Datasheet
831Kb / 20P
CLASS-T DIGITAL AUDIO AMPLIFIER REFERENCE BOARD USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com