Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-REF02-78S Datasheet(PDF) 3 Page - Recom International Power

Part # R-REF02-78S
Description  3.3V from a single AA battery (boost converter)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-REF02-78S Datasheet(HTML) 3 Page - Recom International Power

  R-REF02-78S Datasheet HTML 1Page - Recom International Power R-REF02-78S Datasheet HTML 2Page - Recom International Power R-REF02-78S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.recom-power.com
REV.: 0/2017
P-3
Reference Design
Specifications (measured @ ta= 25°C, 1.5Vin, full load after warm up unless otherwise stated)
R-REF02-78S
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.
Layout
BOM
Vin
Vout
GND CTRL
BAT1
2460
1
2
GND
GND
GND
1
3
2
2
2
1
1
4 J2
J1
0022032021
002032021
U1
R-78S3.3-0.1
R-78S
Top Layer
Bottom Layer
Part Name/Number
Description
Manufacturer Part Number Manufacturer
Qty.
Comps.
BATTERY_HOLDER_AA Holder Battery 1Cell AA PCB MNT
2460
Keystone Electronics
1
BAT1
JUMPER_2PINS
2 Position Header Connector 0.100" (2.54mm)
Through Hole Tin
0022032021
Molex
2
J1 J2
R-78S3.3-0.1
DC DC Converter 3.3V
R-78S3.3-0.1
RECOM
1
U1
x
Schematic



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com