Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-REF02-78S Datasheet(PDF) 1 Page - Recom International Power

Part # R-REF02-78S
Description  3.3V from a single AA battery (boost converter)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-REF02-78S Datasheet(HTML) 1 Page - Recom International Power

  R-REF02-78S Datasheet HTML 1Page - Recom International Power R-REF02-78S Datasheet HTML 2Page - Recom International Power R-REF02-78S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.recom-power.com
REV.: 0/2017
P-1
R-REF02-78S
Reference Design
Features
Reference
Design
• 3.3V from a single AA battery (boost converter)
• Efficiency 93%, >80% at 10% load
• Input voltage range down to 0.65V
• 0.100“ (2.54mm) pin output
• 3.5mm mounting holes
Description
The R-REF02-78S generates 3.3V from a single AA battery and can directly be used in any
application. The reference design contains a AA battery holder and an R-78S3.3-0.1 boost converter.
Two jumper headers J1 and J2 ensure connectivity to the output voltage and the CTRL pin of the
R-78S converter. The jumper header pins are standard 0.100” (2.54mm) pitch for which there are
several mating connectors available. Two 3.5mm mounting holes are provided to allow snap-in
or screw mounting. An enable pin puts the R-78S into sleep-mode where it draws only 7uA
from the battery.
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Under Voltage Lockout
DC-DC OFF
0.4VDC
Overload Capability (3)
peak duty cycle 10%
150%, 10s
Quiescent Current
160µA
Start-up Time
2ms
Rise Time
800µs
Internal Operating Frequency
1200kHz
Minimum Load
0%
Dropout Voltage
150mV
Output Ripple and Noise
100mVp-p
ON/OFF CTRL
DC-DC ON
DC-DC OFF
Open or 0.7V
≤ V
CTRL<Vin
Short to GND or V
CTRL<0.1V
Input Current of CTRL Pin
5µA
Standby Current
7µA
Specifications (measured @ ta= 25°C, 1.5Vin, full load after warm up unless otherwise stated)
Selection Guide
Part
Input
Output
Output
Efficiency (1)
Max. Capacitive
Number
Voltage Range (3)
Voltage
Current
@ min Vin
@ typ. Vin
Load (2)
[VDC]
[VDC]
[mA]
[%]
[%]
[µF]
R-78S3.3-0.1
0.65-3.15
3.3
100
92
93
470
Notes:
Note1: Efficiency is tested at full load. Typ. Vin = 1.5V
Note2: Max. capacitive load is tested at nominal input and full resistive load
Note3: For more information, please refer to “Overload Capability Graph” on page P-2
Caution:
ESD sensitive. Always follow ESD preventative procedures when
handling the product!


Similar Part No. - R-REF02-78S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-REF01-HB RECOM-R-REF01-HB Datasheet
1Mb / 12P
Half-bridge voltage up to 1kV
R-REF03-CAN1 RECOM-R-REF03-CAN1 Datasheet
1Mb / 6P
Contains R1SX-3.305/H - 3.3V to 5V 1W DC-DC converter with 3kVDC isolation
More results

Similar Description - R-REF02-78S

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
BH-01 ADAM-TECH-BH-01 Datasheet
164Kb / 1P
BATTERY HOLDERS AA SINGLE & MULTIPLE CELLS
logo
Vishay Siliconix
SIP12501 VISHAY-SIP12501 Datasheet
231Kb / 9P
Boost Converter for Single/Double AA Cell or NiMH Battery for White LED Applications
03-Aug-09
logo
List of Unclassifed Man...
5210 ETC2-5210 Datasheet
205Kb / 1P
A-AA DUAL M/F BATTERY CONTACT
12BH092-GR ETC2-12BH092-GR Datasheet
80Kb / 1P
AA Battery Clip
logo
Intersil Corporation
ISL33334E INTERSIL-ISL33334E Datasheet
820Kb / 23P
Operates from a single 3.3V supply
October 21, 2016
logo
Maxim Integrated Produc...
MAX14880EVKIT MAXIM-MAX14880EVKIT Datasheet
577Kb / 8P
Operates from a Single 3.3V Supply
Rev 0; 5/17
logo
Recom International Pow...
R-78S3.3-0.1-EVM-1 RECOM-R-78S3.3-0.1-EVM-1 Datasheet
609Kb / 5P
3.3V from a single AA battery or from
logo
Maxim Integrated Produc...
MAX149X1EVKIT MAXIM-MAX149X1EVKIT Datasheet
2Mb / 9P
Operates From a Single 3.3V Supply
Rev 1; 7/16
MAX148X1EVKIT MAXIM-MAX148X1EVKIT Datasheet
2Mb / 13P
Operates From a Single 3.3V Supply
Rev 0; 7/16
MAX14882EVKIT MAXIM-MAX14882EVKIT Datasheet
673Kb / 7P
Operates from a Single 3.3V Supply
Rev 0; 5/18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com