Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-REF01-HB Datasheet (PDF) - Recom International Power

R-REF01-HB Datasheet PDF - Recom International Power
Part # R-REF01-HB
Download  R-REF01-HB Download
File Size   1076.42 Kbytes
Page   12 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description Half-bridge voltage up to 1kV

R-REF01-HB Datasheet (PDF)

Go To PDF Page Download Datasheet
R-REF01-HB Datasheet PDF - Recom International Power

Part # R-REF01-HB
Download  R-REF01-HB Click to download

File Size   1076.42 Kbytes
Page   12 Pages
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power
Description Half-bridge voltage up to 1kV

R-REF01-HB Datasheet (HTML) - Recom International Power




Similar Part No. - R-REF01-HB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-REF02-78S RECOM-R-REF02-78S Datasheet
486Kb / 3P
3.3V from a single AA battery (boost converter)
R-REF03-CAN1 RECOM-R-REF03-CAN1 Datasheet
1Mb / 6P
Contains R1SX-3.305/H - 3.3V to 5V 1W DC-DC converter with 3kVDC isolation
More results


Similar Description - R-REF01-HB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR03H420 IRF-IR03H420 Datasheet
59Kb / 6P
HIGH VOLTAGE HALF-BRIDGE
IR062HD4C10U-P2 IRF-IR062HD4C10U-P2 Datasheet
50Kb / 7P
HIGH VOLTAGE HALF BRIDGE
IR04H420 IRF-IR04H420 Datasheet
61Kb / 6P
HIGH VOLTAGE HALF-BRIDGE
IR01HD214 IRF-IR01HD214 Datasheet
63Kb / 7P
HIGH VOLTAGE HALF BRIDGE
IR02H420 IRF-IR02H420 Datasheet
83Kb / 6P
HIGH VOLTAGE HALF-BRIDGE
logo
Semtech Corporation
1N5614 SEMTECH-1N5614 Datasheet
143Kb / 3P
RECTIFIER, up to 1kV, 2A, 2關s
1N5615 SEMTECH-1N5615 Datasheet
190Kb / 4P
RECTIFIER, up to 1kV, 2A, 150-500ns
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
RECTIFIER, up to 1kV, 3.25A, 300ns
logo
Mitsubishi Electric Sem...
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
logo
Diodes Incorporated
DMP26M7UFG DIODES-DMP26M7UFG Datasheet
431Kb / 6P
ESD HBM Protected up to 1KV
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com