Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-REF01-HB Datasheet(PDF) 1 Page - Recom International Power

Part # R-REF01-HB
Description  Half-bridge voltage up to 1kV
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-REF01-HB Datasheet(HTML) 1 Page - Recom International Power

  R-REF01-HB Datasheet HTML 1Page - Recom International Power R-REF01-HB Datasheet HTML 2Page - Recom International Power R-REF01-HB Datasheet HTML 3Page - Recom International Power R-REF01-HB Datasheet HTML 4Page - Recom International Power R-REF01-HB Datasheet HTML 5Page - Recom International Power R-REF01-HB Datasheet HTML 6Page - Recom International Power R-REF01-HB Datasheet HTML 7Page - Recom International Power R-REF01-HB Datasheet HTML 8Page - Recom International Power R-REF01-HB Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
P-1
REV.: 0/2017
www.recom-power.com
Reference Design
Description
The Half-Bridge Gate-Drive Power Supply Reference Design (RD) consists of a half-bridge
suitable for voltages up to 1kV and a fully-isolated driver stage with isolated power supplies
for the low-side and the high-side switching transistors. It is suitable for single gate drive
supply voltages as low as +4V as well as dual gate drive supply voltages as high as +20V / -5V (30V
max) with no maximum duty cycle limitations.
Two R12P22005D, R12P21053D, R12P21509D and R12P06S DC/DC moduels each are included in
the R-REF01-HB design kit.
NOTE: transistors sold separately.
The signal ground is galvanically isolated from the power ground and can be connected to
any potential, as long as it is less than 2.5kV with respect to the power potential
(high-side and low-side). The limiting element is the gate driver IC specification.
Features:
•
Optimized for very high switching speed
•
2.5kV continuous input to output isolation
•
High gate-drive currents (up to 10A source and sink)
•
The RD is fitted with a SI8273 gate driver, but can be used with any pin-compatible
gate driver with a PWM input (SI8274) or for gate driver ICs with reinforced isolation,
for example the UCC21520 (dual pinout layout on PCB).
This RD can easily be configured for the following topologies (see application suggestions section):
•
LLC half-bridge
•
Asymmetric duty cycle half-bridge (forward and flyback)
•
Active clamp half-bridge (forward and flyback)
•
Full-bridge / phase-shifted full-bridge
•
3-phase B6 bridge
•
NPC B6 bridge (additional driving circuit for NPC is required)
•
Double pulse test
•
Synchronous boost converter
•
Synchronous buck converter
Features
Reference
Design
• Half-bridge voltage up to 1kV
• TTL-compatible signal input
• Single 15V to 42V supply
• Shoot-through protection
• Separate input for low and high-side switch for
use with different topologies
R-REF01-HB
Delivered Board
fully populated
DANGER!
This board is designed to be used with voltages up to 1kV, only qualified
personnel should work with this board. Direct contact with hazardous voltage can
cause injury or death!
Never leave the board operating unattended. After removing the high voltage from
the board, discharge the capacitors with a suitable discharging resistor to avoid elec-
trical shock!
Caution:
This reference design is built with ESD (electrostatic discharge) sensitive
components. Always follow ESD prevention procedures when handling the product
to avoid failures!


Similar Part No. - R-REF01-HB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-REF02-78S RECOM-R-REF02-78S Datasheet
486Kb / 3P
3.3V from a single AA battery (boost converter)
R-REF03-CAN1 RECOM-R-REF03-CAN1 Datasheet
1Mb / 6P
Contains R1SX-3.305/H - 3.3V to 5V 1W DC-DC converter with 3kVDC isolation
More results

Similar Description - R-REF01-HB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR03H420 IRF-IR03H420 Datasheet
59Kb / 6P
HIGH VOLTAGE HALF-BRIDGE
IR062HD4C10U-P2 IRF-IR062HD4C10U-P2 Datasheet
50Kb / 7P
HIGH VOLTAGE HALF BRIDGE
IR04H420 IRF-IR04H420 Datasheet
61Kb / 6P
HIGH VOLTAGE HALF-BRIDGE
IR01HD214 IRF-IR01HD214 Datasheet
63Kb / 7P
HIGH VOLTAGE HALF BRIDGE
IR02H420 IRF-IR02H420 Datasheet
83Kb / 6P
HIGH VOLTAGE HALF-BRIDGE
logo
Semtech Corporation
1N5614 SEMTECH-1N5614 Datasheet
143Kb / 3P
RECTIFIER, up to 1kV, 2A, 2關s
1N5615 SEMTECH-1N5615 Datasheet
190Kb / 4P
RECTIFIER, up to 1kV, 2A, 150-500ns
3PF8 SEMTECH-3PF8 Datasheet
157Kb / 4P
RECTIFIER, up to 1kV, 3.25A, 300ns
logo
Mitsubishi Electric Sem...
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
logo
Diodes Incorporated
DMP26M7UFG DIODES-DMP26M7UFG Datasheet
431Kb / 6P
ESD HBM Protected up to 1KV
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com