Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-REF01-HB Datasheet(PDF) 12 Page - Recom International Power

Part # R-REF01-HB
Description  Half-bridge voltage up to 1kV
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-REF01-HB Datasheet(HTML) 12 Page - Recom International Power

Back Button R-REF01-HB Datasheet HTML 4Page - Recom International Power R-REF01-HB Datasheet HTML 5Page - Recom International Power R-REF01-HB Datasheet HTML 6Page - Recom International Power R-REF01-HB Datasheet HTML 7Page - Recom International Power R-REF01-HB Datasheet HTML 8Page - Recom International Power R-REF01-HB Datasheet HTML 9Page - Recom International Power R-REF01-HB Datasheet HTML 10Page - Recom International Power R-REF01-HB Datasheet HTML 11Page - Recom International Power R-REF01-HB Datasheet HTML 12Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Specifications (measured @ ta= 25°C, 1.5Vin, full load after warm up unless otherwise stated)
R-REF01-HB
P-12
REV.: 0/2017
www.recom-power.com
Reference Design
The product information and specifications may be subject to changes even without prior written notice.The product has been designed for various applications; its suitability lies in the responsibility of each customer. The
products are not authorized for use in safety-critical applications without RECOM’s explicit written consent. A safety-critical application is an application where a failure may reasonably be expected to endanger or cause
loss of life, inflict bodily harm or damage property. The applicant shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized
use of RECOM products in such safety-critical applications.
+V
in
R-REF01-HB
U1
U1
EN
Reg
Con4
Con1
Con3
Con5
Con2
R-REF01-HB
U1
U1
EN
Reg
Con4
Con1
Con3
Con5
Con2
R-REF01-HB
U1
U1
EN
Reg
Con4
Con1
Con3
Con5
Con2
Double Pulse
Tester
(DUT can be a MOSFET or
diode)
3 Phase
Motor
Driver
+V
in
L
R-REF01-HB
U1
NC
U1
EN
Reg
Con4
Con1
Con3
Con5
Con2
DUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com