Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-REF01-HB Datasheet(PDF) 2 Page - Recom International Power

Part # R-REF01-HB
Description  Half-bridge voltage up to 1kV
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-REF01-HB Datasheet(HTML) 2 Page - Recom International Power

  R-REF01-HB Datasheet HTML 1Page - Recom International Power R-REF01-HB Datasheet HTML 2Page - Recom International Power R-REF01-HB Datasheet HTML 3Page - Recom International Power R-REF01-HB Datasheet HTML 4Page - Recom International Power R-REF01-HB Datasheet HTML 5Page - Recom International Power R-REF01-HB Datasheet HTML 6Page - Recom International Power R-REF01-HB Datasheet HTML 7Page - Recom International Power R-REF01-HB Datasheet HTML 8Page - Recom International Power R-REF01-HB Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
continued on next page
Specifications (measured @ ta= 25°C, 1.5Vin, full load after warm up unless otherwise stated)
R-REF01-HB
P-2
REV.: 0/2017
www.recom-power.com
Reference Design
Component Placement
15V to 42V
CON1
C16
FB1
LED3
R26
R7
FD2
T2
C19
C15
C6
C12
C11
IC6
R21
T1
R8
C13
C14
R3
C8
IC4
C9
C7
IC8
R22
R10
U1
FD1
CON3
CON2
C12
C17
R11
R9
U2
D1
R14
CON4
ENABLE
Signal Low Side
Switch Node
High Side Switch
Low Side Switch
Signal High Side
TTL-
compatible
Input
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Con1
15V
42V
Input Voltage Con2 -> Con3
limited by C10
0V
1000V
Digital U1, U2, Enable
-0.5V
5.5V
Logic High Input Threshold
2V
Logic Low Input Threshold
0.8V
Input Hysteresis
350mV
400mV
Maximum Ratings
-0.5V
5.5V
Driver Section
Source and Sink Current (max)
10A
Total Drive Voltage
positive and negative
+4V
30V
Propagation Delay
system before gate resistors
20ns
40ns
70ns
Rise and Fall Times
refer to the datasheet of the gate-driver IC
Isolation
Isolation Voltage
input to output
2.5kVDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com