Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-REF01-HB Datasheet(PDF) 3 Page - Recom International Power

Part # R-REF01-HB
Description  Half-bridge voltage up to 1kV
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R-REF01-HB Datasheet(HTML) 3 Page - Recom International Power

  R-REF01-HB Datasheet HTML 1Page - Recom International Power R-REF01-HB Datasheet HTML 2Page - Recom International Power R-REF01-HB Datasheet HTML 3Page - Recom International Power R-REF01-HB Datasheet HTML 4Page - Recom International Power R-REF01-HB Datasheet HTML 5Page - Recom International Power R-REF01-HB Datasheet HTML 6Page - Recom International Power R-REF01-HB Datasheet HTML 7Page - Recom International Power R-REF01-HB Datasheet HTML 8Page - Recom International Power R-REF01-HB Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Reference Design
P-3
REV.: 0/2017
www.recom-power.com
Specifications (measured @ ta= 25°C, 1.5Vin, full load after warm up unless otherwise stated)
R-REF01-HB
Following DC/DC models are suitable for use with this reference design
Component List
Part
Description
IC2
DC/DC isolated converter for high-side gate-driver. Depending on the transistor type, fit the appropriate DC/DC converter
(please refer to pages P-10 to P-12).
IC3
DC/DC isolated converter for low-side gate-driver. Depending on the transistor type, fit the appropriate DC/DC converter
(see table 1).
T1
High-side switching transistor (not supplied). Read important notice below.
T2
Low-side switch transistor (not supplied). Read important notice below.
Note:
The transistors are placed on the edge of the PCB so that they are easy to mount to a heatsink. They can also be mounted
inverted on the bottom side of the PCB. Both TO247-3L and TO247-4L format transistors can be used by using the appropriate
hole set.
CON1
Connector for logic and driver supply. Connect a 15V, 18V, 24V or 36V DC supply here.
CON2
+V bridge voltage: connect a positive voltage up to 1kV in respect to power-GND to this connector.
CON3
-V bridge voltage: power-GND
CON4
Enable: a high signal enables the driver signals. Place the jumper on the connector to enable the signals permanently
CON5
Switching node of the half-bridge
U1
Signal high-side: TTL-compatible input for the high-side transistor
U2
Signal low-side: TTL-compatible input for the low-side transistor
Table 1
Model
Power [W]
Output Voltage [V]
Application
R12P22005D*
2
+20/-5
SiC MOSFETs
R12P21503D*
2
+15/-3
SiC MOSFETs
R12P21509D*
2
+15/-9
IGBTs
R12P1509D
1
+15/-9
IGBTs
R12P06S*
1
+6
GaN
R12P12S
1
+12
Cascode/Si MOSFET
*these models are included in the reference design. Each of them two times
Truth table (with IC1 SI8273 mounted):
Input
Output
Comment
U1
U2
Enable
High-side Gate
Low-side Gate
L
L
H
L
L
L
H
H
L
H
H
L
H
H
L
H
H
H
L
L
Invalid state
X
X
L
L
L
Device is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com