Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR293P5 Datasheet(PDF) 1 Page - Rohm

Part # 2SCR293P5
Description  Middle Power Transistors (30V / 1A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR293P5 Datasheet(HTML) 1 Page - Rohm

  2SCR293P5 Datasheet HTML 1Page - Rohm 2SCR293P5 Datasheet HTML 2Page - Rohm 2SCR293P5 Datasheet HTML 3Page - Rohm 2SCR293P5 Datasheet HTML 4Page - Rohm 2SCR293P5 Datasheet HTML 5Page - Rohm 2SCR293P5 Datasheet HTML 6Page - Rohm 2SCR293P5 Datasheet HTML 7Page - Rohm 2SCR293P5 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2SCR293P5
Middle Power Transistors (30V / 1A)
Datasheet
l
lOutline
Parameter
Value
  SOT-89
 
  SC-62
 
VCEO
30V
 
 
IC
1A
 
 
MPT3
 
l
lFeatures
l
lInner circuit
1) Suitable for Middle Power Driver.
2) Complementary PNP Types : 2SAR293P5.
3) Low VCE(sat)
  VCE(sat)=350mV(Max.).
  (IC/IB=500mA/25mA)
l
lApplication
LOW FREQUENCY AMPLIFIER, DRIVER
l
lPackaging specifications
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
2SCR293P5
SOT-89
(MPT3)
6595
T100
330
16
1000
NV
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/6
20160119 - Rev.002


Similar Part No. - 2SCR293P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
Midium Power Transistors (30V / 1A)
2SCR293PFRA ROHM-2SCR293PFRA Datasheet
1Mb / 8P
Middle Power Transistor (30V / 1A)
More results

Similar Description - 2SCR293P5

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR293P ROHM-2SAR293P Datasheet
529Kb / 6P
Midium Power Transistors (-30V / -1A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
Midium Power Transistors (30V / 1A)
MP6T11 ROHM-MP6T11 Datasheet
461Kb / 6P
Midium Power Transistors (-30V / -1A)
MP6X11 ROHM-MP6X11 Datasheet
1Mb / 6P
Midium Power Transistors (30V / 1A)
2SAR293P5 ROHM-2SAR293P5 Datasheet
1Mb / 8P
Middle Power Transistors (-30V / -1.0A)
2SAR513P5 ROHM-2SAR513P5 Datasheet
1Mb / 9P
Middle Power Transistors(-50V / -1A)
2SAR552P5 ROHM-2SAR552P5 Datasheet
1Mb / 9P
Middle Power Transistors (-30V / -3A)
2SCR552P5 ROHM-2SCR552P5 Datasheet
1Mb / 9P
Middle Power Transistors (30V / 3A)
2SAR293PFRA ROHM-2SAR293PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-30V / -1A)
2SCR293PFRA ROHM-2SCR293PFRA Datasheet
1Mb / 8P
Middle Power Transistor (30V / 1A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com