Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SAR293P Datasheet (PDF) - Rohm

2SAR293P Datasheet PDF - Rohm
Part # 2SAR293P
Download  2SAR293P Download
File Size   529.39 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Midium Power Transistors (-30V / -1A)

2SAR293P Datasheet (PDF)

Go To PDF Page Download Datasheet
2SAR293P Datasheet PDF - Rohm

Part # 2SAR293P
Download  2SAR293P Click to download

File Size   529.39 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Midium Power Transistors (-30V / -1A)

2SAR293P Datasheet (HTML) - Rohm




Similar Part No. - 2SAR293P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR293P ROHM-2SAR293P Datasheet
428Kb / 8P
PNP -1.0A -30V Middle Power Transistor
2SAR293P5 ROHM-2SAR293P5 Datasheet
1Mb / 8P
Middle Power Transistors (-30V / -1.0A)
2SAR293PFRA ROHM-2SAR293PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-30V / -1A)
2SAR293P ROHM-2SAR293P_13 Datasheet
428Kb / 8P
PNP -1.0A -30V Middle Power Transistor
More results


Similar Description - 2SAR293P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR513P ROHM-2SAR513P_09 Datasheet
241Kb / 5P
Midium Power Transistors (-50V / -1A)
2SAR552P ROHM-2SAR552P_09 Datasheet
242Kb / 5P
Midium Power Transistors (-30V / -3A)
2SCR513P ROHM-2SCR513P_09 Datasheet
235Kb / 5P
Midium Power Transistors (50V / 1A)
2SCR542P ROHM-2SCR542P_09 Datasheet
243Kb / 5P
Midium Power Transistors (30V / 5A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
Midium Power Transistors (30V / 1A)
MP6T11 ROHM-MP6T11 Datasheet
461Kb / 6P
Midium Power Transistors (-30V / -1A)
MP6T12 ROHM-MP6T12 Datasheet
378Kb / 6P
Midium Power Transistors (-50V / -1A)
MP6X11 ROHM-MP6X11 Datasheet
1Mb / 6P
Midium Power Transistors (30V / 1A)
MP6X12 ROHM-MP6X12 Datasheet
424Kb / 6P
Midium Power Transistors (50V / 1A)
QS5Y1 ROHM-QS5Y1 Datasheet
1Mb / 8P
Midium Power Transistors (30V / 3A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com