Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SAR293P Datasheet(PDF) 1 Page - Rohm

Part # 2SAR293P
Description  Midium Power Transistors (-30V / -1A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR293P Datasheet(HTML) 1 Page - Rohm

  2SAR293P Datasheet HTML 1Page - Rohm 2SAR293P Datasheet HTML 2Page - Rohm 2SAR293P Datasheet HTML 3Page - Rohm 2SAR293P Datasheet HTML 4Page - Rohm 2SAR293P Datasheet HTML 5Page - Rohm 2SAR293P Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.
Midium Power Transistors (-30V / -1A)
2SAR293P
Structure
Dimensions (Unit : mm)
PNP Silicon epitaxial planar transistor
Features
Low saturation voltage
VCE (sat) = -0.35V (Max.) (IC / IB= -500mA / -25mA)
Applications
Driver
Inner circuit
Package
MPT3
Code
T100
Basic ordering unit (pieces)
1000
Absolute maximum ratings (Ta=25°C)
Symbol
Limits
Unit
Collector-base voltage
VCBO
-30
V
Collector-emitter voltage
VCEO
-30
V
Emitter-base voltage
VEBO
-6
V
DC
IC
-1
A
Pulsed
ICP
-2
A
PD
0.5
W
PD
2.0
W
Junction temperature
Tj
150
°C
Range of storage temperature
Tstg
-55 to 150
°C
*1 Pw=10ms, Single Pulse
*2 Mounted on a recommended land
*3 Mounted on a 40×40×0.7 [mm] ceramic substrate
Packaging specifications
Type
Parameter
Collector current
Power dissipation
MPT3
(SC-63)
<SOT-428>
(1)
(2)
(3)
*1
*2
*3
(1) Base
(2) Collector
(3) Emitter
(1)
(2)
(3)
Abbreviated symbol : ML
(1) Base
(2) Collector
(3) Emitter
*1
*2
*3
1/5
2010.11 - Rev.A


Similar Part No. - 2SAR293P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR293P ROHM-2SAR293P Datasheet
428Kb / 8P
PNP -1.0A -30V Middle Power Transistor
2SAR293P5 ROHM-2SAR293P5 Datasheet
1Mb / 8P
Middle Power Transistors (-30V / -1.0A)
2SAR293PFRA ROHM-2SAR293PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-30V / -1A)
2SAR293P ROHM-2SAR293P_13 Datasheet
428Kb / 8P
PNP -1.0A -30V Middle Power Transistor
More results

Similar Description - 2SAR293P

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR513P ROHM-2SAR513P_09 Datasheet
241Kb / 5P
Midium Power Transistors (-50V / -1A)
2SAR552P ROHM-2SAR552P_09 Datasheet
242Kb / 5P
Midium Power Transistors (-30V / -3A)
2SCR513P ROHM-2SCR513P_09 Datasheet
235Kb / 5P
Midium Power Transistors (50V / 1A)
2SCR542P ROHM-2SCR542P_09 Datasheet
243Kb / 5P
Midium Power Transistors (30V / 5A)
2SCR293P ROHM-2SCR293P Datasheet
486Kb / 6P
Midium Power Transistors (30V / 1A)
MP6T11 ROHM-MP6T11 Datasheet
461Kb / 6P
Midium Power Transistors (-30V / -1A)
MP6T12 ROHM-MP6T12 Datasheet
378Kb / 6P
Midium Power Transistors (-50V / -1A)
MP6X11 ROHM-MP6X11 Datasheet
1Mb / 6P
Midium Power Transistors (30V / 1A)
MP6X12 ROHM-MP6X12 Datasheet
424Kb / 6P
Midium Power Transistors (50V / 1A)
QS5Y1 ROHM-QS5Y1 Datasheet
1Mb / 8P
Midium Power Transistors (30V / 3A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com