Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACUDIAL-N Datasheet(PDF) 1 Page - Mini-Circuits

Part # ACUDIAL-N
Description  N-Type Connector Gage Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ACUDIAL-N Datasheet(HTML) 1 Page - Mini-Circuits

  ACUDIAL-N Datasheet HTML 1Page - Mini-Circuits ACUDIAL-N Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
Features
Product Overview
Mini-Circuits’ ACUDIAL-N Series connector Gage kit is a
push on type gage designed to measure the center contact
pin location from the outer conductor mating surface of type
N female and male connectors per MIL-PRF-39012 class 2.
Refer to dimensions A(MP) and B (MF) in Figure 1. A(MP) and
B(MF) dimensions are termed as interface matting dimensions.
The ACUDIAL-N Gage kit consists of:
(1) a dial indicator assembly graduated in 0.001 increments
with integral female and male measurement bushings.
(2) female and male master gage
(3) calibration certificate*
(3) Instruction manual all contained in a solid wooden instru-
ment case (8.5 x 7 x 3.5 inches)
Before checking the interface dimensions of any connector the
dial indicator is set to zero by means of a master gage. After ze-
roing , the connector is engaged on the male or female bushing
of the gage depending upon the gender of connector The re-
sultant reading is the actual deviation from the nominal (mean)
dimension as indicated in following Table 1.
• Direct reading
• Quick startup
• Self-Calibration
• Dial Indication
• Accurate
• Easy to Use
Application
Compliance
• Per ASME B89.1.10M-2001, C5.12
• Per ASME B89.1.10M-2001, Table 3
• Performance standards are in compliance with ANSI/NCSL
Z540-1 and iso 10012-1
ACUDIAL-N
N-Type Connector Gage Kit
Calibration Solutions
REV. A
M167359
ACUDIAL-N
DB/CP
180419
All the coaxial connectors mounted on device cables or any
test equipment should always be gaged before mating to in-
sure compliance. Such check helps in averting interfered mat-
ting and to assure proper electrical performance and produce
accurate test data and preventing damage to the device being
tested.
The ACUDIAL-N Gage kit is the right tool for all of these situa-
tions, and can also be used for performing production check-
out, incoming inspections, routine quality control, and general
laboratory operations.
*Recommended duration of calibration is one year. However to ensure that the performance
of gage and its accessories are in accordance to factory calibrated standards, actual need of
calibration may vary based on use.


Similar Part No. - ACUDIAL-N

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ACUDIAL-BNCTNC MINI-ACUDIAL-BNCTNC Datasheet
302Kb / 2P
BNC-TNC Connector Gage Kit
ACUDIAL-SMA MINI-ACUDIAL-SMA Datasheet
230Kb / 2P
SMA Connector Gage Kit
More results

Similar Description - ACUDIAL-N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
141PC01G ETC1-141PC01G Datasheet
515Kb / 4P
Absolute, Differential, Gage, Vacuum Gage/Amplified
logo
Pomona Electronics
72932 POMONA-72932 Datasheet
380Kb / 2P
Type N Adapter Kit
logo
Pasternack Enterprises,...
PE5501-KIT PASTERNACK-PE5501-KIT Datasheet
138Kb / 1P
Type N, 18 GHz VNA Calibration Kit
logo
Honeywell Solid State E...
24PCBFA6G HONEYWELL-24PCBFA6G Datasheet
230Kb / 3P
Vacuum Gage
163PC01D75 HONEYWELL-163PC01D75 Datasheet
507Kb / 5P
Pressure Sensors Low Pressure Differential, Gage, Vacuum Gage/Amplified
logo
Red Lion Controls. Inc
GMSG REDLION-GMSG Datasheet
473Kb / 2P
Strain Gage Module
logo
TE Connectivity Ltd
86C TEC-86C Datasheet
170Kb / 5P
Absolute and Gage
408-4389 TEC-408-4389 Datasheet
70Kb / 2P
Crimp Height Gage
logo
Mini-Circuits
ACUDIAL-BNCTNC MINI-ACUDIAL-BNCTNC Datasheet
302Kb / 2P
BNC-TNC Connector Gage Kit
ACUDIAL-SMA MINI-ACUDIAL-SMA Datasheet
230Kb / 2P
SMA Connector Gage Kit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com