Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACUDIAL-N Datasheet(PDF) 2 Page - Mini-Circuits

Part # ACUDIAL-N
Description  N-Type Connector Gage Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ACUDIAL-N Datasheet(HTML) 2 Page - Mini-Circuits

  ACUDIAL-N Datasheet HTML 1Page - Mini-Circuits ACUDIAL-N Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
N-Type Connector Gage Kit
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Table 1. Contact Pin Location for N-Type Connectors
Specification
FP
MP
MIL-STD-348A
CLASS 2
0.207
+0.000
0.210
+0.020
-0.020
-0.000
N-Type Contact Pin Location
Specifications
Master Gages
Table 2. Gage Dimensions Female
Specification
Min. "A"
Max. "A"
Mean "A"
0.207
+0.000
0.206
0.207
0.2065
-0.001
Fig 2. Gaging a Female N-Type Connector
Fig 3. Gaging a Male N-Type Connector
Table 3. Gage Dimensions Male
Specification
Min. "B"
Max. "B"
Mean "B"
0.210
+0.001
0.210
0.211
0.2105
-0.000
ACUDIAL-N
N-Type Connector Gage Specifications
Characteristics
Limits
Comments
Gage Resolution
0.0001”
1/5 Least dial graduation
Gage Calibration
Accuracy
0.00075”
1 Least dial graduation plus
0.000250 measurement guardband
Gage Repeatability
0.0001”
1/5 Least dial graduation
Master Accuracy
0.0000125” 0.0001 Range
Total Uncertainty
RSS 0.000763319 (Root sum of squares)
Worst Case
0.0009625
(Sum of all units)
Fig 1. N-Type Contact Pin Location Dimension



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com