Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264ACPZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD8264ACPZ
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD8264ACPZ Datasheet HTML 29Page - Analog Devices AD8264ACPZ Datasheet HTML 30Page - Analog Devices AD8264ACPZ Datasheet HTML 31Page - Analog Devices AD8264ACPZ Datasheet HTML 32Page - Analog Devices AD8264ACPZ Datasheet HTML 33Page - Analog Devices AD8264ACPZ Datasheet HTML 34Page - Analog Devices AD8264ACPZ Datasheet HTML 35Page - Analog Devices AD8264ACPZ Datasheet HTML 36Page - Analog Devices AD8264ACPZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Data Sheet
AD8264
Rev. B | Page 33 of 40
INx
AGNDx
AVDDx
DVDD
DGND
GNH1
GNH2
GNH3
GNH4
VNEG
VOCM
VOHx
VOLx
GNLO
VPOS
IPPx
OFSx
VGAx
ADC
AD9228
EVAL KIT
VPOS
VREF
AC
SOURCE
–15
0
–30
–45
–60
–75
–90
–105
–120
–135
–150
1.5M 3.0M 4.5M 6.0M 7.5M 9.0M 10.5M
REFIN
(ON BOARD)
USB 2.0 TO PC
ADI VISUAL
ANALOG
ANALYSIS
SOFTWARE
–INx
+INx
TO
SWITCHING
POWER
SUPPLY
+3.3V +3.3V
+3.3V
–3.3V
+2.5V
VOUT0
VOUT1
VOUT3
VOUT4
VOUT39
VOUT RANGE = 0V TO 1.25V
EACH
AD8264 VGA
EVAL BOARD
DAC
AD5380
EVAL BOARD
TO 9
OTHER
AD8264S
GNLO = 625mV
VOCM = 1.0V
+1.0V
VGA
OUTPUTS TO
OTHER
SIGNAL
PROCESSING
4
2
+
3
USB
EVAL-SDP
-CB1Z
Figure 116. Evaluation Setup for AC Signal Processing Application Using the AD8264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com