Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8264ACPZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD8264ACPZ
Description  Quad, 235 MHz, DC-Coupled VGA and Differential Output Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8264ACPZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD8264ACPZ Datasheet HTML 32Page - Analog Devices AD8264ACPZ Datasheet HTML 33Page - Analog Devices AD8264ACPZ Datasheet HTML 34Page - Analog Devices AD8264ACPZ Datasheet HTML 35Page - Analog Devices AD8264ACPZ Datasheet HTML 36Page - Analog Devices AD8264ACPZ Datasheet HTML 37Page - Analog Devices AD8264ACPZ Datasheet HTML 38Page - Analog Devices AD8264ACPZ Datasheet HTML 39Page - Analog Devices AD8264ACPZ Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Data Sheet
AD8264
Rev. B | Page 37 of 40
OUTLINE DIMENSIONS
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
EXPOSED
PAD
PIN 1
INDICATOR
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
6.10
6.00 SQ
5.90
0.80
0.75
0.70
0.45
0.40
0.35
0.25 MIN
4.25
4.10 SQ
3.95
COMPLIANT TO JEDEC STANDARDS MO-220-WJJD.
40
1
11
20
21
30
31
10
Figure 125. 40-Lead Lead Frame Chip Scale Package [LFCSP]
6 mm × 6 mm Body and 0.75 mm Package Height
(CP-40-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Branding
AD8264ACPZ
−40°C to +85°C
40-Lead LFCSP
CP-40-9
H1V
AD8264ACPZ-R7
−40°C to +85°C
40-Lead LFCSP, 7”Tape and Reel
CP-40-9
H1V
AD8264ACPZ-RL
−40°C to +85°C
40-Lead LFCSP, 13”Tape and Reel
CP-40-9
H1V
AD8264-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com