Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8330
Description  Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8330 Datasheet HTML 11Page - Analog Devices AD8330 Datasheet HTML 12Page - Analog Devices AD8330 Datasheet HTML 13Page - Analog Devices AD8330 Datasheet HTML 14Page - Analog Devices AD8330 Datasheet HTML 15Page - Analog Devices AD8330 Datasheet HTML 16Page - Analog Devices AD8330 Datasheet HTML 17Page - Analog Devices AD8330 Datasheet HTML 18Page - Analog Devices AD8330 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
AD8330
Rev. H | Page 15 of 32
THEORY OF OPERATION
CIRCUIT DESCRIPTION
Many monolithic variable gain amplifiers use techniques that
share common principles that are broadly classified as translinear.
This term refers to circuit cells whose functions depend directly
on the very predictable properties of bipolar junction transistors,
notably the linear dependence of their transconductance on collector
current. Since the discovery of these cells in 1967, and their
commercial exploitation in products developed during the early
1970s, accurate wide bandwidth analog multipliers, dividers,
and variable gain amplifiers have invariably employed translinear
principles.
Although these techniques are well understood, the realization
of a high performance variable gain amplifier (VGA) requires
special technologies and attention to many subtle details in its
design. The AD8330 is fabricated on a proprietary silicon-on-
insulator, complementary bipolar IC process and draws on
decades of experience in developing many leading edge products
using translinear principles to provide an unprecedented level of
versatility.
Figure 45 shows a basic representative cell comprising just four
transistors. This, or a very closely related form, is at the heart of
most translinear multipliers, dividers, and VGAs. The key concepts
are as follows:
First, the ratio of the currents in the left-hand and right-hand
pairs of transistors is identical, represented by the modulation
factor, x, with values between −1 and +1. Second, the input
signal is arranged to modulate the fixed tail current, ID, to cause
the variable value of x, introduced in the left-hand pair, to be
replicated in the right-hand pair, and, thus, generate the output
by modulating its nominally fixed tail current, IN. Third, the
current gain of this cell is exactly G = IN/ID over many decades
of variable bias current.
In practice, the realization of the full potential of this circuit
involves many other factors, but these three elementary ideas
remain essential.
By varying IN, the overall function is that of a two-quadrant
analog multiplier, exhibiting a linear relationship to both the
signal modulation factor (x) and this numerator current. On
the other hand, by varying ID, a two-quadrant analog divider
is realized, having a hyperbolic gain function with respect to
the input factor, x, controlled by this denominator current. The
AD8330 exploits both modes of operation. However, because a
hyperbolic gain function is generally of less value than one in
which the decibel gain is a linear function of a control input, a
special interface is included to provide either increasing or
decreasing exponential control of ID.
INPUT IS xlD
DENOMINATOR
BIAS CURRENT
ID
Q1
Q2
Q4
Q3
(1–x) ID
2
+
–
LOOP
AMPLIFIER
(1–x) IN
2
NUMERATOR
BIAS CURRENT
IN
OUTPUT IS xlN
G = IN/ID
(1+x) IN
2
(1+x) ID
2
Figure 45. Basic Core
COMM
OPHI
INLO
OPLO
INHI
VPSI
VPSO
CMOP
MODE
VDBS
CMGN
VMAG
OFST
R
T
N
C
L
B
N
E
VPOS
BIAS AND
VREF
GAIN INTERFACE
CM MODE AND
OFFSET CONTROL
OUTPUT
STAGES
OUTPUT
CONTROL
VGA CORE
AD8330
Figure 46. Block Schematic
Overall Structure
Figure 46 shows a block schematic of the AD8330 locating the
key sections. More detailed descriptions of its structure and
features are provided throughout the Theory of Operation
section; however, Figure 46 provides a general overview of its
capabilities.
The VGA core contains a more elaborate version of the cell
shown in Figure 45. The current, ID, is controlled exponentially
(linear-in-decibels) through the decibel gain interface at
Pin VDBS and its local common, Pin CMGN. The gain span
(that is, the decibel difference between maximum and minimum
values) provided by this control function is slightly more than
50 dB. The absolute gain from input to output is a function of
source and load impedance, and depends on the voltage on a
second gain control pin (VMAG), explained in the Normal
Operating Conditions section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com