Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8330 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8330
Description  Variable Gain Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8330 Datasheet(HTML) 1 Page - Analog Devices

  AD8330 Datasheet HTML 1Page - Analog Devices AD8330 Datasheet HTML 2Page - Analog Devices AD8330 Datasheet HTML 3Page - Analog Devices AD8330 Datasheet HTML 4Page - Analog Devices AD8330 Datasheet HTML 5Page - Analog Devices AD8330 Datasheet HTML 6Page - Analog Devices AD8330 Datasheet HTML 7Page - Analog Devices AD8330 Datasheet HTML 8Page - Analog Devices AD8330 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Low Cost, DC to 150 MHz,
Variable Gain Amplifier
Data Sheet
AD8330
Rev. H
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2002–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fully differential signal path, also used with single-sided signals
Inputs from 0.3 mV to 1 V rms, rail-to-rail outputs
Differential RIN = 1 kΩ; ROUT (each output) 75 Ω
Automatic offset compensation (optional)
Linear-in-dB and linear-in-magnitude gain modes
0 dB to 50 dB, for 0 V < VDBS < 1.5 V (30 mV/dB)
Inverted gain mode: 50 dB to 0 dB at −30 mV/dB
×0.03 to ×10 nominal gain for 15 mV < VMAG < 5 V
Constant bandwidth: 150 MHz at all gains
Low noise: 5 nV/√Hz typical at maximum gain
Low distortion: ≤−62 dBc typical
Low power: 20 mA typical at VS of 2.7 V to 6 V
Available in a space-saving, 3 mm × 3 mm LFCSP package
APPLICATIONS
Pre-ADC signal conditioning
75 Ω cable driving adjust
AGC amplifiers
FUNCTIONAL BLOCK DIAGRAM
OPHI
CMOP
OPLO
VMAG
ENBL
BIAS AND VREF
VGA CORE
OUTPUT
CONTROL
GAIN INTERFACE
OUTPUT
STAGES
CM AND
OFFSET
CONTROL
OFST CNTR
INHI
INLO
MODE
VDBS
COMM
CMGN
Figure 1.
GENERAL DESCRIPTION
The AD8330 is a wideband variable gain amplifier for applications
requiring a fully differential signal path, low noise, well-defined
gain, and moderately low distortion, from dc to 150 MHz. The
input pins can also be driven from a single-ended source. The
peak differential input is ±2 V, allowing sine wave operation at
1 V rms with generous headroom. The output pins can drive
single-sided loads essentially rail-to-rail. The differential output
resistance is 150 Ω. The output swing is a linear function of the
voltage applied to the VMAG pin that internally defaults to 0.5 V,
providing a peak output of ±2 V. This can be raised to 10 V p-p,
limited by the supply voltage.
The basic gain function is linear-in-dB, controlled by the voltage
applied to Pin VDBS. The gain ranges from 0 dB to 50 dB for
control voltages between 0 V and 1.5 V—a slope of 30 mV/dB.
The gain linearity is typically within ±0.1 dB. By changing the
logic level on Pin MODE, the gain decreases over the same range,
with an opposite slope. A second gain control port is provided
at the VMAG pin and allows the user to vary the numeric gain
from a factor of 0.03 to 10. All the parameters of the AD8330
have low sensitivities to temperature and supply voltages. Using
VMAG, the basic 0 dB to 50 dB range can be repositioned to
any value from 20 dB higher (that is, 20 dB to 70 dB) to at least
30 dB lower (that is, –30 dB to +20 dB) to suit the application,
thereby providing an unprecedented gain range of over 100 dB.
A unique aspect of the AD8330 is that its bandwidth and pulse
response are essentially constant for all gains, over both the
basic 50 dB linear-in-dB range, but also when using the linear-
in-magnitude function. The exceptional stability of the HF
response over the gain range is of particular value in those VGA
applications where it is essential to maintain accurate gain law-
conformance at high frequencies.
An external capacitor at Pin OFST sets the high-pass corner of
an offset reduction loop, whose frequency can be as low as 5 Hz.
When this pin is grounded, the signal path becomes dc-coupled.
When used to drive an ADC, an external common-mode control
voltage at Pin CNTR can be driven to within 0.5 V of either ground
or VS to accommodate a wide variety of requirements. By default,
the two outputs are positioned at the midpoint of the supply, VS/2.
Other features, such as two levels of power-down (fully off and
a hibernate mode), further extend the practical value of this
exceptionally versatile VGA.
The AD8330 is available in 16-lead LFCSP and 16-lead QSOP
packages and is specified for operation from −40°C to +85°C.


Similar Part No. - AD8330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8330 AD-AD8330 Datasheet
681Kb / 28P
Low Cost DC-150 MHz Variable Gain Amplifier
4/03-Data Sheet changed from REV. 0 to REV. A.
AD8330 AD-AD8330 Datasheet
1Mb / 36P
Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD8330-EVAL AD-AD8330-EVAL Datasheet
728Kb / 32P
Low Cost DC to 150 MHz Variable Gain Amplifier
6/06-Rev. B to Rev. C
AD8330-EVAL AD-AD8330-EVAL Datasheet
1Mb / 36P
Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
AD8330-EVALZ AD-AD8330-EVALZ Datasheet
1Mb / 36P
Low Cost, DC to 150 MHz Variable Gain Amplifier
REV. D
More results

Similar Description - AD8330

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VCA2617 BURR-BROWN-VCA2617 Datasheet
526Kb / 19P
Dual, Variable Gain Amplifier
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E_12 Datasheet
550Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC997LC4 HITTITE-HMC997LC4_12 Datasheet
581Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
VARIABLE GAIN AMPLIFIER
logo
BeRex Corporation
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
DIGITAL VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
Variable gain amplifier
5/21/2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com