Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6510ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF6510ACPZ-R7
Description  Dual Programmable Filters Variable Gain Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF6510ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADRF6510
Data Sheet
Rev. B | Page 8 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
VPS = 5 V, TA = 25°C, ZSOURCE = 400 Ω, ZLOAD = 1 kΩ, VOUT = 1.5 V p-p, GNSW = 0 V, unless otherwise noted.
50
45
40
35
30
25
20
15
10
5
0
–5
–10
0
200 400 600 800 1000 1200 1400 1600 1800
2200
2000
VGAIN (mV)
BANDWIDTH = 30MHz
+25°C
VPS = 4.75V, 5V, 5.25V
+85°C
VPS = 4.75V, 5V, 5.25V
–40°C
VPS = 4.75V, 5V, 5.25V
Figure 5. In-Band Gain vs. VGAIN over Supply and Temperature
(Bandwidth Setting = 30 MHz)
50
–50
1
10
100
FREQUENCY (MHz)
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
35
40
45
BANDWIDTH = 30MHz
Figure 6. Gain vs. Frequency by VGAIN (Bandwidth Setting = 30 MHz)
0.25
0.20
0.15
0.10
0.05
0
–0.05
0
2.2
VGAIN (V)
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
BANDWIDTH = 30MHz
Figure 7. Gain Matching vs. VGAIN (Bandwidth Setting = 30 MHz)
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–3.0
–2.5
0 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400
VGAIN (mV)
+85°C
VPS = 4.25V, 5V, 5.25V
BANDWIDTH = 30MHz
+25°C
VPS = 4.25V, 5V, 5.25V
–40°C
VPS = 4.25V, 5V, 5.25V
Figure 8. Gain Conformance vs. VGAIN over Supply and Temperature
(Bandwidth Setting = 30 MHz)
5
3
1
–1
–3
–5
–7
–9
9
8
7
6
5
4
3
2
0
5
10
15
40
35
30
25
20
FREQUENCY (MHz)
BANDWIDTH = 30MHz
PREAMP GAIN = 12dB
PREAMP GAIN = 6dB
Figure 9. 6 dB Gain Step and Gain Error vs. Frequency
(Bandwidth Setting = 30 MHz, VGAIN = 0 V)
15
10
5
0
–5
–10
–15
0
5
10
15
20
25
30
35
40
GAIN (dB)
PREAMP GAIN = 6dB
PREAMP GAIN = 12dB
Figure 10. Output P1dB vs. GAIN at 15 MHz (Bandwidth Setting = 30 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com