Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6510ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6510ACPZ-R7
Description  Dual Programmable Filters Variable Gain Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6510ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6510ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6510ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADRF6510
Data Sheet
Rev. B | Page 10 of 32
0.75
–0.75
030
FREQUENCY (MHz)
FREQUENCY (MHz)
0
0.51.01.52.02.5
3.0
–0.50
–0.25
0
0.25
0.50
5
10152025
BANDWIDTH = 30MHz
BANDWIDTH = 1MHz
Figure 17. IQ Amplitude Mismatch vs. Frequency
90
40
040
GAIN (dB)
5
10
1520253035
45
50
55
60
65
70
75
80
85
+25°C, VPS = 4.75V
+25°C, VPS = 5V
+25°C, VPS = 5.25V
+85°C, VPS = 4.75V
+85°C, VPS = 5V
+85°C, VPS = 5.25V
–40°C, VPS = 4.75V
–40°C, VPS = 5V
–40°C, VPS = 5.25V
Figure 18. HD2 vs. Gain over Supply and Temperature
(Bandwidth Setting = 30 MHz)
100
90
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
GAIN (dB)
1.5V p-p OUTPUT @ 8MHz
BANDWIDTH = 30MHz
VOCM = 1.5V
VOCM = 1.75V
VOCM = 2V
VOCM = 2.5V
Figure 19. HD2 vs. Gain over Output Common-Mode Voltage
(Bandwidth Setting = 30 MHz)
100
40
040
GAIN (dB)
5
10
1520253035
+25°C, VPS = 4.75V
+25°C, VPS = 5V
+25°C, VPS = 5.25V
+85°C, VPS = 4.75V
+85°C, VPS = 5V
+85°C, VPS = 5.25V
–40°C, VPS = 4.75V
–40°C, VPS = 5V
–40°C, VPS = 5.25V
50
60
70
80
90
Figure 20. HD3 vs. Gain over Supply and Temperature
(Bandwidth Setting = 30 MHz)
100
90
80
70
60
50
40
040
GAIN (dB)
1.5V p-p OUTPUT @ 8MHz
BANDWIDTH = 30MHz
VOCM = 1.5V
VOCM = 1.75V
VOCM = 2V
VOCM = 2.5V
5
10
1520
2530
35
Figure 21. HD3 vs. Gain over Output Common-Mode Voltage
(Bandwidth Setting = 30 MHz)
30
25
20
15
10
5
0
05
50
45
40
35
30
25
20
15
10
GAIN (dB)
BANDWIDTH = 30MHz
f1 = 14MHz, f2 = 15MHz
PREAMP
GAIN = 6dB
PREAMP
GAIN = 12dB
Figure 22. In-Band OIP3 vs. Gain (Bandwidth Setting = 30 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com