Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6520ACPZ
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6520ACPZ Datasheet HTML 9Page - Analog Devices ADRF6520ACPZ Datasheet HTML 10Page - Analog Devices ADRF6520ACPZ Datasheet HTML 11Page - Analog Devices ADRF6520ACPZ Datasheet HTML 12Page - Analog Devices ADRF6520ACPZ Datasheet HTML 13Page - Analog Devices ADRF6520ACPZ Datasheet HTML 14Page - Analog Devices ADRF6520ACPZ Datasheet HTML 15Page - Analog Devices ADRF6520ACPZ Datasheet HTML 16Page - Analog Devices ADRF6520ACPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Data Sheet
ADRF6520
Rev. 0 | Page 13 of 29
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
VGN2 (V)
–40°C, 3.15V
–40°C, 3.3V
–40°C, 3.45V
+25°C, 3.45V
+25°C, 3.15V
+25°C, 3.3V
+85°C, 3.15V
+85°C, 3.3V
+85°C, 3.45V
Figure 33. HD2 vs. VGN2 over Supply and Temperature, VGN1 = 1.5 V,
1.5 V p-p at Output, Bypass Mode
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
VGN1 (V)
–40°C, 3.15V
–40°C, 3.3V
–40°C, 3.45V
+25°C, 3.45V
+25°C, 3.15V
+25°C, 3.3V
+85°C, 3.15V
+85°C, 3.3V
+85°C, 3.45V
LOWER TONE
UPPER TONE
Figure 34. IMD2 vs. VGN1 over Supply and Temperature, VGN2 = 0 V,
1.5 V p-p Composite at Output, 36 MHz Filter Corner
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
VGN1 (V)
–40°C, 3.15V
–40°C, 3.3V
–40°C, 3.45V
+25°C, 3.45V
+25°C, 3.15V
+25°C, 3.3V
+85°C, 3.15V
+85°C, 3.3V
+85°C, 3.45V
UPPER TONE
LOWER TONE
Figure 35. IMD2 vs. VGN1 over Supply and Temperature, VGN2 = 0 V,
1.5 V p-p Composite at Output, 144 MHz Filter Corner
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
VGN2 (V)
–40°C, 3.15V
–40°C, 3.3V
–40°C, 3.45V
+25°C, 3.45V
+25°C, 3.15V
+25°C, 3.3V
+85°C, 3.15V
+85°C, 3.3V
+85°C, 3.45V
Figure 36. HD3 vs. VGN2 over Supply and Temperature, VGN1 = 1.5 V,
1.5 V p-p at Output, Bypass Mode
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
VGN1 (V)
–40°C, 3.15V
–40°C, 3.3V
–40°C, 3.45V
+25°C, 3.45V
+25°C, 3.15V
+25°C, 3.3V
+85°C, 3.15V
+85°C, 3.3V
+85°C, 3.45V
Figure 37. IMD3 vs. VGN1 over Supply and Temperature, VGN2 = 0 V,
1.5 V p-p Composite at Output, 36 MHz Filter Corner
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
VGN1 (V)
–40°C, 3.15V
–40°C, 3.3V
–40°C, 3.45V
+25°C, 3.45V
+25°C, 3.15V
+25°C, 3.3V
+85°C, 3.15V
+85°C, 3.3V
+85°C, 3.45V
Figure 38. IMD3 vs. VGN1 over Supply and Temperature, VGN2 = 0 V,
1.5 V p-p Composite at Output, 144 MHz Filter Corner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com