Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6520ACPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADRF6520ACPZ
Description  Dual Programmable Filters and VGAs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6520ACPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRF6520ACPZ Datasheet HTML 21Page - Analog Devices ADRF6520ACPZ Datasheet HTML 22Page - Analog Devices ADRF6520ACPZ Datasheet HTML 23Page - Analog Devices ADRF6520ACPZ Datasheet HTML 24Page - Analog Devices ADRF6520ACPZ Datasheet HTML 25Page - Analog Devices ADRF6520ACPZ Datasheet HTML 26Page - Analog Devices ADRF6520ACPZ Datasheet HTML 27Page - Analog Devices ADRF6520ACPZ Datasheet HTML 28Page - Analog Devices ADRF6520ACPZ Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
Data Sheet
ADRF6520
Rev. 0 | Page 25 of 29
REGISTER READ/WRITE TIMING
R/W
A14
A13
A12
A11
A10
A9
D7
D6
D5
D4
D3
D2
D1
D0
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CS
DON’T CARE
tS
tDH
tDS
tHI
tCLK
tH
tACCESS
tLO
tZ
R/W
A14
A13
A12
A11
A10
A9
D7
D6
D5
D4
D3
D2
D1
D0
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CS
DON’T CARE
tS
tDH
tDS
tHI
tCLK
tH
tACCESS
tLO
tZ
SETUP AND HOLD TIMEING MEASUREMENTS.
LEVEL MUST BE AT THE SAME HEAD AND TAIL.
Figure 69. SPI Port Read and Write Timing Diagrams
Table 7. SPI Port Timing Specifications
Symbol
Description
tDS
Setup time between data and rising edge of SCLK
tDH
Hold time between data and rising edge of SCLK
tCLK
Period of the clock
tS
Setup time between CS and SCLK
tH
Hold time between CS and SCLK
tHI
Minimum period that SCLK must be in a logic high state
tLO
Minimum period that SCLK must be in a logic low state
tZ
Maximum time delay between CS deactivation and
SDIO or SDO bus return to high impedance
tACCESS
Maximum time delay between falling edge of SCLK
and output data valid for a read operation
B24 = 0 initiates a write, and B24 = 1 initiates a read. The
instruction word (B24 followed by the 15 address bits) is written
to the device, MSB first (as shown in Figure 69), followed by the
data. The SDIO pin becomes an output pin after receiving the
instruction header with a readback request. In read mode, the
SDIO line must be changed from an input to an output in the
half cycle of SCLK between the last rising edge of SCLK of the
instruction and the following falling edge. When CS is deasserted,
SDIO returns to high impedance until the next read transaction.
The interface is capable of reading and writing at speeds of at
least 25 MHz (tCLK = 40 ns). The hold time (tDH) is less than 25%
of the clock period. The setup time (tDS) is less than 25% of the
clock period. There is no minimum interface speed.
Write Cycle
The instruction word, followed by the register data, is written
serially into the device through the SDIO pin on the rising
edges of the interface clock, SCLK. The device is configured in
MSB first mode and descending addressing.
Read Cycle
The instruction word is written to the device MSB first,
followed by the data. Chip readback is sent via the SDIO. The
SDIO pin becomes an output pin after receiving the instruction
header with a readback request. In read mode, the SDIO line
must be changed from an input to an output in the half cycle of
SCLK between the last rising edge of SCLK of the instruction
and the following falling edge. When CS is deasserted, SDIO
returns to high impedance until the next read transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com