Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS133-R512 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VS133-R512
Description  Memory Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VS133-R512 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VS133-R512 Datasheet HTML 1Page - List of Unclassifed Manufacturers VS133-R512 Datasheet HTML 2Page - List of Unclassifed Manufacturers VS133-R512 Datasheet HTML 3Page - List of Unclassifed Manufacturers VS133-R512 Datasheet HTML 4Page - List of Unclassifed Manufacturers VS133-R512 Datasheet HTML 5Page - List of Unclassifed Manufacturers VS133-R512 Datasheet HTML 6Page - List of Unclassifed Manufacturers VS133-R512 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS133-R512
PDRB-28998-X045-01
Buffalo Technology
(3/7)
5. Electrical Specifications
5.1 Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Voltage Any Pin Relative to Vss
VT
-0.3~Vcc+0.3 (max 4.6)
V
Supply Voltage Relative to Vss
VCC
-0.3~4.6
V
Power Dissipation
PD
22
W
Short Circuit Output Current
IO
50
mA
5.2 Recommended Operating Conditions
Parameter
Symbol
MIN
MAX
Unit
Supply Voltage
VCC
3.0
3.6
V
High Level Input Voltage
VIH
2.0
Vcc+0.3
V
Low Level Input Voltage
VIL
-0.3
0.8
V
Operating Ambient Temperature
TA
0
70
°C
5.3 Pin Capacitance
Parameter
Symbol
Maximum Pin
Capacitance
Unit
CK0
CICK1
18
pF
CK1
CICK2
12
pF
CK2
CICK3
12
pF
CK Input Pin Capacitance
CK3
CICK4
12
pF
S0
CIS1
9.0
pF
S1
CIS2
9.0
pF
S2
CIS3
9.0
pF
/S Input Pin Capacitance
S3
CIS4
9.0
pF
CKE0
CICKE1
18
pF
CKE Input Pin Capacitance
CKE1
CICKE2
——
pF
DQM Input Pin Capacitance
DQMB0~7
CIDQM1
9.0
pF
DQ0~DQ63
COUT1
13
pF
DQ Input / Output Pin Capacitance
CB0~7
COUT2
13
pF
Other Input Pin Capacitance
A,BA,/RAS,/CAS,/WE
CIN
18
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com