Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS133-R512 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # VS133-R512
Description  Memory Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VS133-R512 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  VS133-R512 Datasheet HTML 1Page - List of Unclassifed Manufacturers VS133-R512 Datasheet HTML 2Page - List of Unclassifed Manufacturers VS133-R512 Datasheet HTML 3Page - List of Unclassifed Manufacturers VS133-R512 Datasheet HTML 4Page - List of Unclassifed Manufacturers VS133-R512 Datasheet HTML 5Page - List of Unclassifed Manufacturers VS133-R512 Datasheet HTML 6Page - List of Unclassifed Manufacturers VS133-R512 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS133-R512
PDRB-28998-X045-01
Buffalo Technology
(5/7)
6. Serial Presence Detect (SPD) Data Structure
Byte
No.
Function
Hex
Value
Function Supported
0
Defines # of bytes written into serial memory at module manufacturer
80
128Bytes
1
Total # of bytes of SPD memory device
08
256Bytes
2
Fundamental memory type (FPM, EDO, SDRAM..)
04
SDR SDRAM
3
# of row addresses on this assembly
0D
13
4
# Column Addresses on this assembly
0A
10
5
# Module Banks on this assembly
02
2Banks
6
Data Width of this assembly
48
7
... Data Width continuation
00
72bits
8
Voltage interface standard of this assembly
01
LVTTL
9
SDRAM Cycle time (highest CAS latency)
75
7.5ns (CL=3)
10
SDRAM Access from Clock (highest CAS latency)
54
5.4ns (CL =3)
11
DIMM Configuration type (non-parity, ECC)
02
ECC
12
Refresh Rate/Type
82
7.8µs
13
Primary SDRAM Width
08
x8bit
14
Error Checking SDRAM width
08
x8bit
15
Minimum Clock Delay
Back to Back Random Column Address
01
1CLK
16
Burst Lengths Supported
8F
Burst Lengths (1,2,4,8,FULL)
17
# of Banks on Each SDRAM Device
04
4Banks
18
CAS# Latency
06
CAS Latency =2,3
19
CS# Latency
01
CS Latency =0
20
Write Latency
01
WE Latency =0
21
SDRAM Module Attributes
1F
Registered with PLL
22
SDRAM Device Attributes: General
0E
Supports Write1/Read Burst
Supports Precharge All
Supports Auto-Precharge
23
SDRAM Cycle time (2nd highest CAS latency)
A0
10ns (CL=2)
24
SDRAM Access from Clock (2nd highest CAS latency)
60
6ns (CL=2)
25
SDRAM Cycle time (3rd highest CAS latency)
00
Non Support
26
SDRAM Access from Clock (3rd highest CAS latency)
00
Non Support
27
Minimum Row Precharge Time
14
20ns
28
Row Activate to Row Activate Min.
0F
15ns
29
RAS to CAS Delay Min
14
20ns
30
Minimum RAS Pulse Width
2D
45ns
31
Density of each bank on module
40
256MB
32
Command and Address signal input setup time
15
1.5ns
33
Command and Address signal input hold time
08
0.8ns
34
Data signal input setup time
15
1.5ns
35
Data signal input hold time
08
0.8ns
36-61 Superset Information (may be used in future)
00
Undefined
62
SPD Data Revision Code
12
Rev 1.2
63
Checksum for bytes 0-62
04
Checksum
64-66
7F
67
83
68-71
Manufacturer’s JEDEC ID code per JEP-108E
00
72
Manufacturing Location
01
MELCO inc.
73-90 Manufacturer’s Part Number
20
Blank
91-92 Revision Code
00
Undefined
93-94 Manufacturing Date
00
Undefined
95-98 Assembly Serial Number
00
Undefined
99-125 Manufacturer Specific Data
00
Undefined
126
Intel specification frequency
64
100MHz Compatible
127
Intel Specification CAS# Latency support
87
Clock=0
CL =2,3
128+ Unused storage locations
00
Undefined



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com