Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-0-RPT-24DC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # RIF-0-RPT-24DC
Description  Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-0-RPT-24DC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  RIF-0-RPT-24DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-0-RPT-24DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-0-RPT-24DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-0-RPT-24DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-0-RPT-24DC Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/us/products/2903359
3/7/14   Page 3 / 5
Relay Module - RIF-0-RPT-24DC/ 1AU - 2903359
Technical data
General
Test voltage relay winding/relay contact
4 kVrms (50 Hz, 1 min.)
Operating mode
100% operating factor
Degree of protection
IP20 (Relay socket)
RT III (Relay)
Mechanical service life
Approx. 2 x 107 cycles
Standards/regulations
DIN EN 50178
IEC 62103
Rated insulation voltage
250 V AC
Pollution degree
2
Surge voltage category
III
Mounting position
any
Assembly instructions
In rows with zero spacing
Articles in set
Single relay - REL-MR- 24DC/21AU - 2961121
Pluggable miniature relays, with multi-layer contact, 1 PDT, input voltage 24 V DC
 
 
Relay socket - RIF-0-BPT/1 - 2901873
RIF-0... relay base, for miniature power relay with 1 N/O contact or solid-state relays of the same design, push-in
connection, for mounting on NS 35/7,5
 
 
Classifications
eCl@ss
eCl@ss 4.0
27371102
eCl@ss 4.1
27371102
eCl@ss 5.0
27371603
eCl@ss 5.1
27371603
eCl@ss 6.0
27371603



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com