Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-0-RPT-24DC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # RIF-0-RPT-24DC
Description  Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-0-RPT-24DC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  RIF-0-RPT-24DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-0-RPT-24DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-0-RPT-24DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-0-RPT-24DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-0-RPT-24DC Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/products/2903359
3/7/14   Page 4 / 5
Relay Module - RIF-0-RPT-24DC/ 1AU - 2903359
Classifications
eCl@ss
eCl@ss 7.0
27371603
eCl@ss 8.0
27371603
ETIM
ETIM 3.0
EC001456
ETIM 4.0
EC001456
ETIM 5.0
EC001437
UNSPSC
UNSPSC 6.01
30211917
UNSPSC 7.0901
39121516
UNSPSC 11
39121516
UNSPSC 12.01
39121516
UNSPSC 13.2
39121516
Drawings
Circuit diagram
A2-
A1+
14
13
DC coils
Diagram
0,6
0,7
0,8
0,9
1,0
1,1
1,2
1,3
1,4
1,5
1,6
1,7
1,8
0
10
20
30
40
50
60
70
80
Ambienttemperature[°C]
Maximumcontinuousvoltageatlimitingcontinuouscurrent=6A
Minimumoperatevoltage
Forpre-excitationwithU andlimitingcontinuouscurrent=6A
N
Operating voltage range



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com