Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-0-RSC-24DC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # RIF-0-RSC-24DC
Description  Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-0-RSC-24DC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  RIF-0-RSC-24DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-0-RSC-24DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-0-RSC-24DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-0-RSC-24DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-0-RSC-24DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-0-RSC-24DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2903364
07/23/2018   Page 4 / 6
Relay Module - RIF-0-RSC-24DC/ 1AU - 2903364
Technical data
Environmental Product Compliance
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Circuit diagram
A2-
A1+
14
13
DC coils
Diagram
Operating voltage range
Diagram
Interrupting rating
Diagram
COS j
1
0,9
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
0,8
0,7
0,6
0,5
0,4
0,3
0,2
Service life reduction factor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com