Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-0-RSC-24DC Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # RIF-0-RSC-24DC
Description  Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-0-RSC-24DC Datasheet(HTML) 1 Page - PHOENIX CONTACT

  RIF-0-RSC-24DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-0-RSC-24DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-0-RSC-24DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-0-RSC-24DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-0-RSC-24DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-0-RSC-24DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2903364
07/23/2018   Page 1 / 6
Relay Module - RIF-0-RSC-24DC/ 1AU - 2903364
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold
contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
Key Commercial Data
Packing unit
10 STK
GTIN
GTIN
4046356731973
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
6.2 mm
Height
84 mm
Depth
68 mm
Coil side
Nominal input voltage UN
24 V DC
Input voltage range in reference to UN
see diagram
Typical input current at UN
9 mA
Typical response time
5 ms
Typical release time
8 ms
Coil voltage
24 V DC
Protective circuit
Damping diode
Operating voltage display
Yellow LED
Power dissipation for nominal condition
0.22 W


Similar Part No. - RIF-0-RSC-24DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-0-RSC-12DC PHOENIX-RIF-0-RSC-12DC Datasheet
167Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
More results

Similar Description - RIF-0-RSC-24DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
RIF-0-RPT-12DC PHOENIX-RIF-0-RPT-12DC Datasheet
97Kb / 5P
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
RIF-0-RPT-24DC PHOENIX-RIF-0-RPT-24DC Datasheet
97Kb / 5P
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
RIF-0-RSC-12DC PHOENIX-RIF-0-RSC-12DC Datasheet
167Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 12 V DC
RIF-1-RSC-LV-24AC PHOENIX-RIF-1-RSC-LV-24AC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
RIF-1-RSC-LV-120AC PHOENIX-RIF-1-RSC-LV-120AC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, multi-layer contact relay, plugin display/interference suppression module, and retaining bracket.
RIF-2-RPT-LDP-24DC PHOENIX-RIF-2-RPT-LDP-24DC Datasheet
116Kb / 6P
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 PDTs. Input voltage: 24 V DC
RIF-2-RSC-LDP-24DC PHOENIX-RIF-2-RSC-LDP-24DC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 24 V DC
RIF-2-RSC-LDP-125DC PHOENIX-RIF-2-RSC-LDP-125DC Datasheet
122Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 125 V DC
RIF-3-RSC-LDP-24DC PHOENIX-RIF-3-RSC-LDP-24DC Datasheet
124Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket.
RIF-4-RSC-LDP-24DC PHOENIX-RIF-4-RSC-LDP-24DC Datasheet
126Kb / 6P
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com