Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIF-1-RSC-LDP-24DC Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # RIF-1-RSC-LDP-24DC
Description  Pre-assembled relay module with screw connection, consisting of: relay base, relay retaining bracket, and power contact relay with test button, integrated status LED, and freewheeling diode.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-1-RSC-LDP-24DC Datasheet(HTML) 4 Page - PHOENIX CONTACT

  RIF-1-RSC-LDP-24DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-1-RSC-LDP-24DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-1-RSC-LDP-24DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-1-RSC-LDP-24DC Datasheet HTML 4Page - PHOENIX CONTACT RIF-1-RSC-LDP-24DC Datasheet HTML 5Page - PHOENIX CONTACT RIF-1-RSC-LDP-24DC Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2905659
07/23/2018   Page 4 / 6
Relay Module - RIF-1-RSC-LDP-24DC/1X21MS - 2905659
Circuit diagram
A2-
A1+
12
22
14
24
11
21
DC coils
Diagram
0,6
0,7
0,8
0,9
1 0
,
1 1
,
1 2
,
1 3
,
1 4
,
1 5
,
1,6
20
30
40
50
60
Ambient temperature [°C]
DC coils
AC coils
Operating voltage range
Diagram
20
10
5
2
1
0,5
0,2
0,1
10
20
30
50
70
100
200
300 400 500
Switching voltage [V]
= AC, ohmic load
= DC, ohmic load
Interrupting rating
Diagram
1
3
5
7
9
11
13
15
20
30
40
50
60
Ambient temperature [°C]
DC coil
AC coil
Contact derating
Diagram
0
1
4
8
12
16
10
7
10
6
10
5
10
4
2
3
5
6
7
11
9 10
15
14
13
Switching current [A]
= 250 V AC, ohmic load
Electrical service life
Diagram
COS j
1
0,9
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1
0,8
0,7
0,6
0,5
0,4
0,3
0,2
Service life reduction factor



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com